Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC04A Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74HC04A
Description  Hex Inverter High-Performance Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC04A Datasheet(HTML) 1 Page - Integral Corp.

  IN74HC04A Datasheet HTML 1Page - Integral Corp. IN74HC04A Datasheet HTML 2Page - Integral Corp. IN74HC04A Datasheet HTML 3Page - Integral Corp. IN74HC04A Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
23
Hex Inverter
High-Performance Silicon-Gate CMOS
The IN74HC04A is identical in pinout to the LS/ALS04. The
device inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
IN74HC04A
ORDERING INFORMATION
IN74HC04AN Plastic
IN74HC04AD SOIC
TA = -55° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
AY
LH
HL


Similar Part No. - IN74HC04A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC04A IKSEMICON-IN74HC04A Datasheet
249Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
More results

Similar Description - IN74HC04A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC04 SLS-SL74HC04 Datasheet
33Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
   Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT14 SLS-SL74HCT14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT14A KODENSHI-KK74HCT14A Datasheet
436Kb / 5P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC14A INTEGRAL-IN74HC14A Datasheet
71Kb / 4P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC14A MOTOROLA-MC54HC14A Datasheet
180Kb / 8P
   HEX Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com