Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557GI-03 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS557GI-03
Description  PCI-EXPRESS CLOCK SOURCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557GI-03 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS557GI-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS557GI-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS557GI-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS557GI-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS557GI-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS557GI-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS557GI-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS557GI-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS557GI-03 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS557-03
MDS 557-03 E
1
Revision 061005
Integrat ed Circuit Systems 525 Race Stre et, San Jo se, CA 9 5126 te l (40 8 ) 2 97-12 01 www.ics t.co m
PCI-EXPRESS CLOCK SOURCE
Description
The ICS557-03 is a spread spectrum clock generator
supporting PCI-Express and Ethernet requirements.
The device is used for PC or embedded systems to
substantially reduce electromagnetic interference
(EMI). The device provides two differential (HCSL)
spread spectrum outputs. This device is pin configured
to select spread and clock selection. Using ICS’
patented Phase-Locked Loop (PLL) techniques, the
device takes a 25 MHz crystal input and produces two
pairs of differential outputs (HCSL) at 25 MHz, 100
MHz, 125 MHz and 200 MHz clock frequencies. It also
provides spread selection of ±0.25%, -0.5%, -0.75%,
and no spread.
Features
Packaged in 16-pin TSSOP
Available in Pb (lead) free package
Supports LVDS Output Levels
Operating voltage of 3.3 V
Input frequency of 25 MHz
Outputs (HCSL, 0.7 V Current mode differential pair)
Jitter 100 ps (peak-to-peak)
Spread of ±0.25%, -0.5%, -0.75%, and no spread.
Industrial and commercial temperature ranges
Block Diagram
Phase Lock Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
X1/ICLK
X2
25 MHz
crystal or clock
Control
Logic
SS1:SS0
2
S1:S0
2
CLK0
CLK0
Rr(IREF)
CLK1
CLK1
2
2
OE
Optional tuning crystal
capacitors


Similar Part No. - ICS557GI-03

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS557GI-03 IDT-ICS557GI-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
ICS557GI-03LF IDT-ICS557GI-03LF Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
ICS557GI-03LFT IDT-ICS557GI-03LFT Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
ICS557GI-03T IDT-ICS557GI-03T Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
More results

Similar Description - ICS557GI-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
ICS557-05A IDT-ICS557-05A Datasheet
308Kb / 12P
   QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com