Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C44002A-50T Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC41C44002A-50T
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C44002A-50T Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC41C44002A-50T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C44002A-50T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C44002A-50T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C44002A-50T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C44002A-50T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C44002A-50T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C44002A-50T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C44002A-50T Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41C44002A-50T Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Integrated Circuit Solution Inc.
DR026-0A 09/04/2001
IC41C44002A/IC41C44002AS(L)
IC41LV44002A/IC41LV44002AS(L)
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-
50
-
60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tOEH
OE Hold Time from WE during
8
10
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0
0
ns
tDH
Data-In Hold Time(15, 22)
8
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
108
133
ns
tRWD
RAS to WE Delay Time during
64
77
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
26
32
ns
tAWD
Column-Address to
WE Delay Time(14)
39
47
ns
tPC
EDO Page Mode READ or WRITE
20
25
ns
Cycle Time
tRASP
RAS Pulse Width in EDO Page Mode
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
30
35
ns
tPRWC
EDO Page Mode READ-WRITE
56
68
ns
Cycle Time
tCOH
Data Output Hold after
CAS LOW
5
5
ns
tOFF
Output Buffer Turn-Off Delay from
0
12
0
15
ns
CAS or RAS(13,15,19, 24)
tWHZ
Output Disable Delay from
WE
310
3
10
ns
tCSR
CAS Setup Time (CBR REFRESH)(20, 25)
5
5
ns
tCHR
CAS Hold Time (CBR REFRESH)( 21, 25)
8
10
ns
tRPC
RAS to CAS Precharge Time
5
5
ns
tORD
OE Setup Time prior to RAS during
0
0
ns
HIDDEN REFRESH Cycle
tREF
Auto Refresh Period
2,048 Cycles
32
32
ms
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 100 pF (Vcc=5.0V
±10%)
One TTL Loads and 100 pF (Vcc=3.3V
±10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V
Output timing reference levels: VOH = 2.0V, VOL = 0.8V


Similar Part No. - IC41C44002A-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41C44002A-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com