Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46C63-56SSOP-A Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT46C63-56SSOP-A
Description  A/D with LCD Type 8-Bit MCU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C63-56SSOP-A Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT46C63-56SSOP-A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C63-56SSOP-A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C63-56SSOP-A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C63-56SSOP-A Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C63-56SSOP-A Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C63-56SSOP-A Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C63-56SSOP-A Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C63-56SSOP-A Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C63-56SSOP-A Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
10
May 17, 2004
cessible. At a subroutine call or interrupt
acknowledgment, the contents of the program counter
are pushed onto the stack. At the end of a subroutine or
an interrupt routine, signaled by a return instruction
(RET or RETI), the program counter is restored to its
previous value from the stack. After a chip reset, the
stack pointer will point to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decreased (by RET or RETI), the interrupt will
be serviced. This feature prevents stack overflow allow-
ing the programmer to use the structure more easily. In
similar case, if the stack is full and a
²call² is subse-
quently executed, stack overflow occurs and the first en-
try will be lost (only the most recent 8 return addresses
are stored).
Data Memory
- RAM
The data memory is designed with 239
´8 bits. The
data memory is divided into two functional groups: spe-
cial function registers and general purpose data mem-
ory (208
´8). Most are read/write, but some are read
only.
The special function registers include the indirect ad-
dressing register 0 and 1 (R0;00H, R1;02H), memory
pointer 0 and 1 (MP0;01H, MP1;03H), bank pointer
(BP:04H), accumulator (ACC;05H), program counter
lower-order byte register (PCL;06H), table pointer
(TBLP;07H), table higher-order byte register
(TBLH;08H), real time clock control register
(RTCC;09H), status register (STATUS;0AH), interrupt
control register (INTC0;0BH), timer higher-order byte
register (TMRH;0CH), timer lower-order byte register
(TMRL;0DH), timer control register (TMRC;0EH), I/O
port data registers (PA;12H, PB;14H, PC;16H, PD;18H),
I/O port control registers (PAC;13H, PBC;15H,
PCC;17H, PDC;19H), PWM0 (1AH), PWM1 (1BH),
PWM2 (1CH), PWM3 (1DH), INTC1 (1EH),the A/D re-
sult register (ADR;21H), the A/D control register
(ADCR;22H) and the A/D clock setting register
(ACSR;23H). The remaining space before the 30H is re-
served for future expansion and reading these locations
will return the result
²00H². The general-purpose data
memory, addressed from 30H to FFH, is used for data
and control information under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and cleared by
²SET [m].i² and
²CLR [m].i², respectively. They are also indirectly acces-
sible through memory pointers (MP0 and MP1).
Indirect Addressing Register
Location 00H (02H) is indirect addressing registers that
are not physically implemented. Any read/write opera-
tion of [00H] ([02H]) will access data memory pointed to
by MP0 (MP1). Reading location 00H (02H) itself indi-
rectly will return the result
²00H². Writing indirectly re-
sults in no operation.
The memory pointers are 8-bit registers. Only the
MP1/R1 can be used to access the LCD RAM (BP=1).
S p e c i a l P u r p o s e
D A T A M E M O R Y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
G e n e r a l P u r p o s e
D a t a M e m o r y
( 2 0 8 B y t e s )
F F H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
R T C C
S T A T U S
I N T C 0
T M R H
T M R L
T M R C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M 0
P W M 1
P W M 2
P W M 3
I N T C 1
A D R
A D C R
A C S R
3 0 H
RAM Mapping


Similar Part No. - HT46C63-56SSOP-A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C62 HOLTEK-HT46C62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46C64 HOLTEK-HT46C64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46C64 HOLTEK-HT46C64 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46C64 HOLTEK-HT46C64 Datasheet
1Mb / 51P
   52/100-pin LQFP
HT46C64 HOLTEK-HT46C64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
More results

Similar Description - HT46C63-56SSOP-A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com