Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI2309 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI2309
Description  Triple 10-Bit, 50 MSPS,3-Channel D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2309 Datasheet(HTML) 3 Page - Intersil Corporation

  HI2309 Datasheet HTML 1Page - Intersil Corporation HI2309 Datasheet HTML 2Page - Intersil Corporation HI2309 Datasheet HTML 3Page - Intersil Corporation HI2309 Datasheet HTML 4Page - Intersil Corporation HI2309 Datasheet HTML 5Page - Intersil Corporation HI2309 Datasheet HTML 6Page - Intersil Corporation HI2309 Datasheet HTML 7Page - Intersil Corporation HI2309 Datasheet HTML 8Page - Intersil Corporation HI2309 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
10-3
Pin Descriptions
PIN NO.
SYMBOL
EQUIVALENT CIRCUIT
DESCRIPTION
1 to 10
R0 to R9
Digital Input.
11 to 20
G0 to G9
21 to 30
B0 to B9
31
RCLK
Clock pin.
32
GCLK
33
BCLK
34
DVSS
Digital GND.
35
VB
Connect an approximately 0.1
µF capacitor.
36
IREF
Connect a “16R” resistor which is 16 times the
output resistance “R”.
37
VREF
Sets an output full scale value.
38
VG
Connect an approximately 0.1
µF capacitor.
39 to 41
AVDD
Analog VDD.
42
RO
Current Output. Output can be obtained by
connecting a resistor (200
Ω typical).
44
GO
46
BO
43, 45, 47
AVDD
Analog GND.
47, 48
DVDD
Digital VDD.
30
1
DVDD
DVSS
TO
33
31
DVDD
DVSS
TO
35
DVDD
DVSS
-
+
DVDD
AVDD
-
+
AVDD
36
AVDD
AVDD
37
AVSS
AVDD
38
AVSS
42
44
46
AVSS
AVDD
AVSS
HI2309


Similar Part No. - HI2309

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2300 INTERSIL-HI2300 Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2300JCQ INTERSIL-HI2300JCQ Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2301JCQ INTERSIL-HI2301JCQ Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
More results

Similar Description - HI2309

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2307 INTERSIL-HI2307 Datasheet
685Kb / 10P
   Triple 10-Bit, 50 MSPS, RGB, 3-Channel D/A Converter
HI3050 INTERSIL-HI3050 Datasheet
92Kb / 11P
   Triple 10-Bit, 50 MSPS, High Speed, 3-Channel D/A Converter
August 1997
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI1260 INTERSIL-HI1260 Datasheet
166Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI20206 INTERSIL-HI20206 Datasheet
171Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI1178 INTERSIL-HI1178 Datasheet
90Kb / 11P
   Triple 8-Bit, 40 MSPS, RGB, 3-Channel D/A Converter
March 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com