Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKPF3N80 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FKPF3N80
Description  Bi-Directional Triode Thyristor Planar Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FKPF3N80 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FKPF3N80 Datasheet HTML 1Page - Fairchild Semiconductor FKPF3N80 Datasheet HTML 2Page - Fairchild Semiconductor FKPF3N80 Datasheet HTML 3Page - Fairchild Semiconductor FKPF3N80 Datasheet HTML 4Page - Fairchild Semiconductor FKPF3N80 Datasheet HTML 5Page - Fairchild Semiconductor FKPF3N80 Datasheet HTML 6Page - Fairchild Semiconductor FKPF3N80 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A, April 2004
Typical Curves (Continues)
Figure 13. Breakover Voltage vs.
Junction Temperature
Figure 14. Gate Trigger Current vs.
Gate Current Pulse Width
Figure 15. Breakover Voltage vs.
Rate of Rise of Off-State Voltage
Figure 16. Commutation Characteristics
-60
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
TYPICAL EXAMPLE
JUNCTION TEMPERATURE [
oC]
1
10
100
10
100
1000
I
I
I
GATE CURRENT PULSE WIDTH [
µs]
10
1
10
2
10
3
10
4
20
40
60
80
100
120
140
160
QUADRANT
QUADRANT
TYPICAL EXAMPLE
Tj=125℃
RATE OF RISE OF-STATE VOLTAGE [V/us]
1
10
100
1000
10000
1
10
100
QUADRANT
QUADRANT
TYPICAL
EXAMPLE
T
j=125
oC
I
T=4A
τ = 500us
V
D=200V
F=3Hz
RATE OF DECAY OF ON-STATE
COMMUTATION CURRENT [A/ms]


Similar Part No. - FKPF3N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FKPF10N80 FAIRCHILD-FKPF10N80 Datasheet
171Kb / 7P
   Application Explanation
FKPF12N60 FAIRCHILD-FKPF12N60 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF12N80 FAIRCHILD-FKPF12N80 Datasheet
170Kb / 7P
   Application Explanation
FKPF12N80 FAIRCHILD-FKPF12N80 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF2N80 FAIRCHILD-FKPF2N80 Datasheet
136Kb / 7P
   Application Explanation(Switching mode power supply, light dimmer, electric flasher unit, hair drier)
More results

Similar Description - FKPF3N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FKN2L80 FAIRCHILD-FKN2L80 Datasheet
155Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF12N60 FAIRCHILD-FKPF12N60 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKN2L60 FAIRCHILD-FKN2L60 Datasheet
127Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF5N80 FAIRCHILD-FKPF5N80 Datasheet
158Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
logo
Toshiba Semiconductor
SM8LZ47 TOSHIBA-SM8LZ47 Datasheet
214Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6JZ47 TOSHIBA-SM6JZ47 Datasheet
235Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6J45 TOSHIBA-SM6J45 Datasheet
232Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM12G45 TOSHIBA-SM12G45 Datasheet
196Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM3GZ47 TOSHIBA-SM3GZ47 Datasheet
212Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com