Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5476FMQB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 5476FMQB
Description  Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

5476FMQB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  5476FMQB Datasheet HTML 1Page - National Semiconductor (TI) 5476FMQB Datasheet HTML 2Page - National Semiconductor (TI) 5476FMQB Datasheet HTML 3Page - National Semiconductor (TI) 5476FMQB Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 400X
Symbol
Parameter
To (Output)
CL e 15 pF
Units
Min
Max
fMAX
Maximum Clock
15
MHz
Frequency
tPHL
Propagation Delay Time
Preset
40
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Preset
25
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clear
40
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Clear
25
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clock to
40
ns
High to Low Level Output
Q or Q
tPLH
Propagation Delay Time
Clock to
25
ns
Low to High Level Output
Q or Q
Physical Dimensions inches (millimeters)
16-Lead Ceramic Dual-In-Line Package (J)
Order Number 5476DMQB or DM5476J
NS Package Number J16A
3


Similar Part No. - 5476FMQB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
547600 FESTO-547600 Datasheet
97Kb / 1P
   Rotary actuator
547693 FESTO-547693 Datasheet
71Kb / 1P
   Vacuum generator cartridge
547694 FESTO-547694 Datasheet
67Kb / 1P
   Vacuum generator cartridge
547695 FESTO-547695 Datasheet
69Kb / 1P
   Vacuum generator cartridge
547696 FESTO-547696 Datasheet
71Kb / 1P
   Vacuum generator cartridge
More results

Similar Description - 5476FMQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7476 FAIRCHILD-DM7476_01 Datasheet
47Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
DM7476 FAIRCHILD-DM7476 Datasheet
41Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
DM7473 FAIRCHILD-DM7473 Datasheet
39Kb / 3P
   Dual Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54107 NSC-DM54107 Datasheet
78Kb / 3P
   DUAL MASTER-SLAVE J-K FLIP-FLOPS WITH CLEAR AND COMPLEMENTARY OUTPUTS
DM54L73 NSC-DM54L73 Datasheet
88Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
54LS112 NSC-54LS112 Datasheet
102Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGERED MASTER-SLAVE J-K FLIP-FLOPS WITH PRESET, CLEAR, AND COMPLEMENTARY OUTPUTS
logo
Texas Instruments
SN5472 TI-SN5472 Datasheet
124Kb / 4P
[Old version datasheet]   AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
SN5472 TI1-SN5472_14 Datasheet
326Kb / 9P
[Old version datasheet]   AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
logo
National Semiconductor ...
DM54L72 NSC-DM54L72 Datasheet
89Kb / 4P
   AND-Gated Master-Slave J-K Flip-Flop with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS73A FAIRCHILD-DM74LS73A Datasheet
53Kb / 5P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com