Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25566 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY25566
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25566 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY25566 Datasheet HTML 1Page - Cypress Semiconductor CY25566 Datasheet HTML 2Page - Cypress Semiconductor CY25566 Datasheet HTML 3Page - Cypress Semiconductor CY25566 Datasheet HTML 4Page - Cypress Semiconductor CY25566 Datasheet HTML 5Page - Cypress Semiconductor CY25566 Datasheet HTML 6Page - Cypress Semiconductor CY25566 Datasheet HTML 7Page - Cypress Semiconductor CY25566 Datasheet HTML 8Page - Cypress Semiconductor CY25566 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY25566
Document #: 38-07429 Rev. *A
Page 5 of 9
Table 1. Frequency and Bandwidth Selection Chart (Group 1)(Low Frequency (1x) Selection Chart)
25–50 MHz (Low Range)
XIN/CLK
(MHz)
S1 = M
S0 = M
S1 = M
S0 = M
S1 = 1
S0 = 0
S1 = 0
S0 = 0
S1 = 0
S0 = M
25–35
4.3
3.8
3.4
2.9
2.8
35–40
3.9
3.5
3.1
2.5
2.4
40–45
3.7
3.3
2.8
2.4
2.3
45–50
3.4
3.1
2.6
2.2
2.1
50–100 MHz (High Range)
XIN/CLK
(MHz)
S1 = 1
S0 = M
S1 = 0
S0 = 1
S1 = 1
S0 = 1
S1 = M
S0 = 1
50–60
2.9
2.1
1.5
1.2
60–70
2.8
2.0
1.4
1.1
70–80
2.6
1.8
1.3
1.1
80–100
2.4
1.7
1.2
1.0
S3 S2
0
0
S3 S2
0
0
Table 2. Frequency and Bandwidth Selection Chart (Group 2)(High Frequency (1x) Selection Chart)
50–100 MHz (Low Range)
XIN/CLK
(MHz)
S1 = M
S0 = M
S1 = M
S0 =0
S1 = 1
S0 = 0
S1 = 0
S0 = 0
S1 = 0
S0 = M
50–60
4.2
3.8
3.2
2.8
2.7
60–70
4.0
3.6
3.1
2.6
2.5
70–80
3.8
3.4
2.9
2.5
2.4
80–100
3.5
3.1
2.7
2.2
2.1
100–200 MHz (High Range)
XIN/CLK
(MHz)
S1 = 1
S0 = M
S1 = 0
S0 = 1
S1 = 1
S0 = 1
S1 = M
S0 = 1
100–120
3.0
2.4
1.6
1.3
120–130
2.7
2.1
1.4
1.1
130–140
2.6
2.0
1.3
1.1
140–150
2.6
2.0
1.3
1.1
150–160
2.5
1.8
1.2
1.0
160–170
2.4
1.8
1.2
1.0
170–180
2.4
1.8
1.2
1.0
180–190
2.3
1.7
1.1
0.9
190–200
2.3
1.6
1.1
0.9
S3 S2
0
1
S3 S2
0
1
Table 3. Frequency and Bandwidth Selection Chart (Group 3)(Low Frequency (2x) Selection Chart)
25–50 MHz (Low Range, 2X)
XIN/CLK
(MHz)
SSCLK1
(MHz)
S1 = M
S0 = M
S1 = M
S0 = 0
S1 = 1
S0 = 0
S1 = 0
S0 = 0
S1 = 0
S0 = M
25–35
50-70
4.0
3.5
3.0
2.6
2.5
35–40
70-80
3.8
3.3
2.9
2.4
2.3
40–45
80-90
3.5
3.1
2.7
2.2
2.1
45–50
90-100
3.3
2.9
2.5
2.1
2.0
S3 S2
1
0


Similar Part No. - CY25566

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25566 CYPRESS-CY25566 Datasheet
104Kb / 9P
   Spread Spectrum Clock Generator
CY25566SC CYPRESS-CY25566SC Datasheet
104Kb / 9P
   Spread Spectrum Clock Generator
CY25566SCT CYPRESS-CY25566SCT Datasheet
104Kb / 9P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566_05 Datasheet
104Kb / 9P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25566

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com