Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2688093 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2688093
Description  Axioline special function module, 2 counter inputs, 2 incremental encoder inputs (including bus base module and connectors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2688093 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2688093 Datasheet HTML 1Page - PHOENIX CONTACT 2688093 Datasheet HTML 2Page - PHOENIX CONTACT 2688093 Datasheet HTML 3Page - PHOENIX CONTACT 2688093 Datasheet HTML 4Page - PHOENIX CONTACT 2688093 Datasheet HTML 5Page - PHOENIX CONTACT 2688093 Datasheet HTML 6Page - PHOENIX CONTACT 2688093 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/2688093
09/03/2014   Page 1 / 7
Special function module - AXL CNT 2/INC 2 - 2688093
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Axioline special function module, 2 counter inputs, 2 incremental encoder inputs (including bus base module and
connectors)
Product description
The module is designed for use within an Axioline station.
On the one hand, it is used to acquire fast pulse sequences from sensors, and on the other hand to detect positions using incremental encoders.
The module combines two counter inputs for the evaluation of fast counter pulses and two incremental encoder inputs for position detection.  
Product Features
 2 counter inputs
 2 incremental encoder inputs
 Maximum input frequency: 300 kHz/100 kHz (depending on the wiring)
 32-bit counter (up and down)
 Output control according to two limit values
 Counter: counting (source) is controlled via a control input (gate)
 Counter: single or periodic counting
 Incremental encoder acquisition: acquisition of digital signals from symmetrical and asymmetrical incremental encoders
 Incremental encoder acquisition: evaluation of linear or rotary axes
 Device rating plate stored
 Diagnostic and status indicators
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
240.0 GRM
Custom tariff number
85389091
Country of origin
Germany
Technical data
Dimensions
Width
53.6 mm


Similar Part No. - 2688093

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2688010000 ETC2-2688010000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
PHOENIX CONTACT
2688019 PHOENIX-2688019 Datasheet
96Kb / 5P
   Axioline bus coupler for PROFINET (including bus base module and connector)
logo
List of Unclassifed Man...
2688020000 ETC2-2688020000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
PHOENIX CONTACT
2688022 PHOENIX-2688022 Datasheet
217Kb / 12P
   Axioline F digital input module, 16 inputs, 24 V DC, 2, 3 or 4-wire connection method
2688035 PHOENIX-2688035 Datasheet
214Kb / 11P
   Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
More results

Similar Description - 2688093

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2688077 PHOENIX-2688077 Datasheet
173Kb / 6P
   Axioline F temperature module, 8 inputs for connecting temperature shunts (including bus base module and connectors)
2702072 PHOENIX-2702072 Datasheet
297Kb / 31P
   Axioline F analog input and output module, 2 inputs, 2 outputs
2688019 PHOENIX-2688019 Datasheet
96Kb / 5P
   Axioline bus coupler for PROFINET (including bus base module and connector)
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
logo
Advantech Co., Ltd.
AMAX-5080 ADVANTECH-AMAX-5080 Datasheet
529Kb / 1P
   2-ch Counter/Encoder Input Module
22-Dec-2021
logo
PHOENIX CONTACT
2688048 PHOENIX-2688048 Datasheet
161Kb / 6P
   Axioline F digital output module, 16 outputs, 24 V DC, 500 mA, 2 or 3-wire connection method (including bus base module and connectors)
logo
NHP Electrical Engineer...
1794-ID2 NHP-1794-ID2 Datasheet
506Kb / 1P
   FLEX I/O 2 CHANNEL INCREMENTAL ENCODER MODULE
7 June 2023,
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
TM5SE2IC01024 SCHNEIDER-TM5SE2IC01024 Datasheet
249Kb / 7P
   Counter module, Modicon TM5, 2 HSC incremental, 100 KHz
Apr 6, 2022
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com