Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB1110TB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BB1110TB
Description  DDR SDRAM TERMINATOR NETWORKS.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BB1110TB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BB1110TB Datasheet HTML 1Page - List of Unclassifed Manufacturers BB1110TB Datasheet HTML 2Page - List of Unclassifed Manufacturers BB1110TB Datasheet HTML 3Page - List of Unclassifed Manufacturers BB1110TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4200 Bonita Place, Fullerton, CA 92635
ORDERING INFORMATION
Part Number
Resistor
Number
Resistance
Value (
Ω)
Array
Pitch (mm)
BB1110TB
R1/R2
50/25
3X9
1.0
BB1110B
R1
50
3X9
1.0
BB2110DI
R1
25
4X9
1.0
Tape/Reel
Reel Sizes
Part count
7 inch
1000
13 inch
4000
Add 7 for 7-inch reel or 13 for 13-inch reel to part number.
Example:
BB1110B7
(1000 parts packaged in 7 inch reel)
BB1110B13
(4000 parts packaged in 13 inch reel)
Application Notes
Schematics per JEDEC Standard No. 8-9B.
BB2110DI
BB1110B
SSTL_2, Class I, symmetrically single parallel terminated
output load, and series resistor


Similar Part No. - BB1110TB

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BB1110TB BITECH-BB1110TB Datasheet
289Kb / 4P
   18 Bit SSTL_2 Termination Sets
logo
Welwyn Components Limit...
BB1110TB WELWYN-BB1110TB Datasheet
310Kb / 4P
   Terminator Networks 18 Bit SSTL_2 Termination Sets
More results

Similar Description - BB1110TB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
008-0520-0 CTS-008-0520-0 Datasheet
161Kb / 4P
   DDR SDRAM Terminator
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
logo
Bourns Electronic Solut...
4608H-701-RC BOURNS-4608H-701-RC Datasheet
349Kb / 2P
   RC Terminator Networks
4610H-701-470 BOURNS-4610H-701-470 Datasheet
332Kb / 2P
   RC Terminator Networks
logo
KOA Speer Electronics, ...
ACBQ20T KOA-ACBQ20T Datasheet
95Kb / 2P
   AC terminator networks
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
   RC Terminator Networks
4609H-701-101 BOURNS-4609H-701-101 Datasheet
332Kb / 2P
   RC Terminator Networks
logo
KOA Speer Electronics, ...
CTXS03T KOA-CTXS03T Datasheet
75Kb / 1P
   PECL clock terminator networks
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com