Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT94S40 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT94S40
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S40 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT94S40 Datasheet HTML 2Page - ATMEL Corporation AT94S40 Datasheet HTML 3Page - ATMEL Corporation AT94S40 Datasheet HTML 4Page - ATMEL Corporation AT94S40 Datasheet HTML 5Page - ATMEL Corporation AT94S40 Datasheet HTML 6Page - ATMEL Corporation AT94S40 Datasheet HTML 7Page - ATMEL Corporation AT94S40 Datasheet HTML 8Page - ATMEL Corporation AT94S40 Datasheet HTML 9Page - ATMEL Corporation AT94S40 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
AT94S Secure Family
2314D–FPSLI–2/04
Bit Ordering Protocol
The most significant bit is the first bit of a byte transmitted on the cSDA line for the
Device Address Byte and the EEPROM Address Bytes. It is followed by the lesser sig-
nificant bits until the eighth bit, the least significant bit, is transmitted. However, for Data
Bytes (both writing and reading), the first bit transmitted is the least significant bit. This
protocol is shown in the diagrams below.
Device Address Byte
The contents of the Device Address Byte are shown below, along with the order in which
the bits are clocked into the device.
The CE pin cannot be used for device selection in programming mode (i.e., when
SER_EN is drive Low).
Figure 2. Start and Stop Conditions
Where:R/W = 1 Read
= 0 Write
EEPROM Address
The EEPROM Address consists of three bytes on the 1-Mbit part. Each Address Byte is
followed by an Acknowledge Bit (provided by the Configurator). These bytes define the
normal address space of the Configurator. The order in which each byte is clocked into
the Configurator is also indicated. Unused bits in an Address Byte must be set to “0”.
Exceptions to this are when reading Device and Manufacturer Codes.
8th Bit
STOP
Condition
Byte n
cSCK
cSDA
START
Condition
tWR
ACK BIT
Device Address Byte
MSB
LSB
10
10
011
R/W
1st
2nd
3rd
4th
5th
6th
7th
8th
MSB
LSB
MSB
LSB
MSB
LSB
0
0
0
0000
A
E16
ACK
A
E15
A
E14
A
E13
A
E12
A
E11
A
E10
A
E9
A
E8
ACK
A
E7
A
E6
A
E5
A
E4
A
E3
A
E2
A
E1
A
E0
ACK
1st
2nd
3rd
4th
5th
6th
7th
8th
1st
2nd
3rd
4th
5th
6th
7th
8th
1st
2nd
3rd
4th
5th
6th
7th
8th
512-Kbit/1-Mbit Page Length
1-Mbit Address Space
Byte Order
512-Kbit Address Space


Similar Part No. - AT94S40

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S40AL ATMEL-AT94S40AL Datasheet
221Kb / 1P
   FPSLIC is ALL About Time To Market
AT94S40AL-25BQC ATMEL-AT94S40AL-25BQC Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S40AL-25BQI ATMEL-AT94S40AL-25BQI Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S40AL-25DGC ATMEL-AT94S40AL-25DGC Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S40AL-25DGC ATMEL-AT94S40AL-25DGC Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results

Similar Description - AT94S40

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
STMicroelectronics
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
   Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
Rev 4 - January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com