Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT94S10 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT94S10
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S10 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT94S10 Datasheet HTML 1Page - ATMEL Corporation AT94S10 Datasheet HTML 2Page - ATMEL Corporation AT94S10 Datasheet HTML 3Page - ATMEL Corporation AT94S10 Datasheet HTML 4Page - ATMEL Corporation AT94S10 Datasheet HTML 5Page - ATMEL Corporation AT94S10 Datasheet HTML 6Page - ATMEL Corporation AT94S10 Datasheet HTML 7Page - ATMEL Corporation AT94S10 Datasheet HTML 8Page - ATMEL Corporation AT94S10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
Features
Multichip Module Containing Field Programmable System Level Integrated Circuit
(FPSLIC
) and Secure Configuration EEPROM Memory
512 Kbits to 1 Mbit of Configuration Memory with Security Protection and In-System
Programming (ISP)
Field Programmable System Level Integrated Circuit (FPSLIC)
– AT40K SRAM-based FPGA with Embedded High-performance RISC AVR
® Core and
Extensive Data and Instruction SRAM
5,000 to 40,000 Gates of Patented SRAM-based AT40K FPGA with FreeRAM
– 2 - 18.4 Kbits of Distributed Single/Dual Port FPGA User SRAM
– High-performance DSP Optimized FPGA Core Cell
– Dynamically Reconfigurable In-System – FPGA Configuration Access Available
On-chip from AVR Microcontroller Core to Support Cache Logic
® Designs
– Very Low Static and Dynamic Power Consumption – Ideal for Portable and
Handheld Applications
Patented AVR Enhanced RISC Architecture
– 120+ Powerful Instructions – Most Single Clock Cycle Execution
– High-performance Hardware Multiplier for DSP-based Systems
– Approaching 1 MIPS per MHz Performance
– C Code Optimized Architecture with 32 x 8 General-purpose Internal Registers
– Low-power Idle, Power-save, and Power-down Modes
– 100 µA Standby and Typical 2-3 mA per MHz Active
Up to 36 Kbytes of Dynamically Allocated Instruction and Data SRAM
– Up to 16 Kbytes x 16 Internal 15 ns Instructions SRAM
– Up to 16 Kbytes x 8 Internal 15 ns Data SRAM
JTAG (IEEE Std. 1149.1 Compliant) Interface
– Extensive On-chip Debugging Support
– Limited Boundary-scan Capabilities According to the JTAG Standards (AVR Ports)
AVR Fixed Peripherals
– Industry-standard 2-wire Serial Interface
– Two Programmable Serial UARTs
– Two 8-bit Timer/Counters with Separate Prescaler and PWM
– One 16-bit Timer/Counter with Separate Prescaler, Compare, Capture
Modes and Dual 8-, 9- or 10-bit PWM
Support for FPGA Custom Peripherals
– AVR Peripheral Control – Up to 16 Decoded AVR Address Lines Directly
Accessible to FPGA
– FPGA Macro Library of Custom Peripherals
Up to 16 FPGA Supplied Internal Interrupts to AVR
Up to Four External Interrupts to AVR
8 Global FPGA Clocks
– Two FPGA Clocks Driven from AVR Logic
– FPGA Global Clock Access Available from FPGA Core
Multiple Oscillator Circuits
– Programmable Watchdog Timer with On-chip Oscillator
– Oscillator to AVR Internal Clock Circuit
– Software-selectable Clock Frequency
– Oscillator to Timer/Counter for Real-time Clock
V
CC: 3.0V - 3.6V
5V Tolerant I/O
3.3V 33 MHz PCI Compliant FPGA I/O
– 20 mA Sink/Source High-performance I/O Structures
– All FPGA I/O Individually Programmable
High-performance, Low-power 0.35µ CMOS Five-layer Metal Process
State-of-the-art Integrated PC-based Software Suite including Co-verification
Rev. 2314D–FPSLI–2/04
Secure
5K - 40K Gates
of AT40K FPGA
with 8-bit
Microcontroller,
up to 36 Kbytes
of SRAM and
On-chip
Program
Storage
EEPROM
AT94S
Secure Series
Programmable
SLI


Similar Part No. - AT94S10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S10AL ATMEL-AT94S10AL Datasheet
221Kb / 1P
   FPSLIC is ALL About Time To Market
AT94S10AL-25BQC ATMEL-AT94S10AL-25BQC Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S10AL-25BQC ATMEL-AT94S10AL-25BQC Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S10AL-25BQI ATMEL-AT94S10AL-25BQI Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S10AL-25BQI ATMEL-AT94S10AL-25BQI Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results

Similar Description - AT94S10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
STMicroelectronics
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
   Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
Rev 4 - January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com