Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38B47ECH-XXXXFP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M38B47ECH-XXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B47ECH-XXXXFP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M38B47ECH-XXXXFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38B47ECH-XXXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38B47ECH-XXXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38B47ECH-XXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38B47ECH-XXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38B47ECH-XXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38B47ECH-XXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38B47ECH-XXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38B47ECH-XXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
3
38B4 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PIN DESCRIPTION
Table 1 Pin description (1)
Pin
Name
Function
VCC, VSS
Power source
• Apply voltage of 4.0–5.5 V to VCC
, and 0 V to VSS.
VEE
Pull-down
• Apply voltage supplied to pull-down resistors of ports P0, P1, and P3.
power source
VREF
Reference
• Reference voltage input pin for A-D converter.
voltage
AVSS
Analog power
• Analog power source input pin for A-D converter.
source
• Connect to VSS.
RESET
Reset input
• Reset input pin for active “L”.
XIN
Clock input
• Input and output pins for the main clock generating circuit.
• Feedback resistor is built in between XIN pin and XOUT pin.
• Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set the
oscillation frequency.
• When an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• The clock is used as the oscillating source of system clock.
P00/FLD8
I/O port P0
• 8-bit I/O port.
• FLD automatic display
P07/FLD15
• I/O direction register allows each pin to be individually programmed as either
pins
input or output.
• At reset, this port is set to input mode.
• A pull-down resistor is built in between port P0 and the VEE pin.
• CMOS compatible input level.
• High-breakdown-voltage P-channel open-drain output structure.
• At reset, this port is set to VEE level.
P10/FLD16– Output port P1
• 8-bit output port.
• FLD automatic display
P17/FLD23
• A pull-down resistor is built in between port P1 and the VEE pin.
pins
• High-breakdown-voltage P-channel open-drain output structure.
• At reset, this port is set to VEE level.
P20/BUZ02/
I/O port P2
• 8-bit I/O port with the same function as port P0.
• FLD automatic display
FLD0
• Low-voltage input level.
pins
P27/FLD7
• High-breakdown-voltage P-channel open-drain output structure.
• Buzzer output pin (P20)
P30/FLD24– Output port P3
• 8-bit output port.
• FLD automatic display
P37/FLD31
• A pull-down resistor is built in between port P3 and the VEE pin.
pins
• High-breakdown-voltage P-channel open-drain output structure.
• At reset, this port is set to VEE level.
P40/INT0,
I/O port P4
• 7-bit I/O port with the same function as port P0.
• Interrupt input pins
P41/INT1,
• CMOS compatible input level
In the mask option type P,
P42/INT3
• N-channel open-drain output structure.
INT3 cannot be used.
P43/BUZ01
• Buzzer output pin
P44/PWM1
• PWM output pin
(Timer output pin)
P45/T1OUT,
• Timer output pin
P46/T3OUT
P47/INT2
Input port P4
• 1-bit input port.
• Interrupt input pin
• CMOS compatible input level.
Function except a port function
XOUT
Clock output


Similar Part No. - M38B47ECH-XXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B50E1XXXFP RENESAS-M38B50E1XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E1XXXFS RENESAS-M38B50E1XXXFS Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFP RENESAS-M38B50E2XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFS RENESAS-M38B50E2XXXFS Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E3XXXFP RENESAS-M38B50E3XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38B47ECH-XXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com