Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8344-EVAL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8344-EVAL
Description  Active Receive Mixer 400 MHz to 1.2 GHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8344-EVAL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8344-EVAL Datasheet HTML 2Page - Analog Devices AD8344-EVAL Datasheet HTML 3Page - Analog Devices AD8344-EVAL Datasheet HTML 4Page - Analog Devices AD8344-EVAL Datasheet HTML 5Page - Analog Devices AD8344-EVAL Datasheet HTML 6Page - Analog Devices AD8344-EVAL Datasheet HTML 7Page - Analog Devices AD8344-EVAL Datasheet HTML 8Page - Analog Devices AD8344-EVAL Datasheet HTML 9Page - Analog Devices AD8344-EVAL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8344
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
12
11
10
9
COMM
8
IFOP
7
IFOM
6
COMM
5
COMM 13
RFCM 14
RFIN 15
VPMX 16
Figure 2. 16-Lead LFCSP
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
VPLO
Positive Supply Voltage for the LO Buffer: 4.75 V to 5.25 V.
2
LOCM
AC Ground for Limiting LO Amplifier, AC-Coupled to Ground.
3
LOIN
LO Input. Nominal input level 0 dBm, input level range −10 dBm to +4 dBm, re: 50 Ω, ac-coupled.
4, 5, 8, 9, 13
COMM
Device Common (DC Ground).
6, 7
IFOM, IFOP
Differential IF Outputs; Open Collectors, Each Requires DC Bias of 5.00 V (Nominal).
10
EXRB
Mixer Bias Voltage, Connect Resistor from EXRB to Ground, Typical Value of 2.43 kΩ
Sets Mixer Current to Nominal Value. Minimum resistor value from EXRB to ground = 2.4 kΩ.
11
PWDN
Connect to Ground for Normal Operation. Connect pin to VS for disable mode.
12
VPDC
Positive Supply Voltage for the DC Bias Cell: 4.75 V to 5.25 V.
14
RFCM
AC Ground for RF Input, AC-Coupled to Ground.
15
RFIN
RF Input. Must be ac-coupled.
16
VPMX
Positive Supply Voltage for the Mixer: 4.75 V to 5.25 V.


Similar Part No. - AD8344-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
More results

Similar Description - AD8344-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
AD8342 AD-AD8342 Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Analog Devices
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
Skyworks Solutions Inc.
SKY42068 SKYWORKS-SKY42068 Datasheet
424Kb / 8P
   400-1000 MHz High Dynamic Range Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com