Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1839AASZ-REEL1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1839AASZ-REEL1
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1839AASZ-REEL1 Datasheet(HTML) 1 Page - Analog Devices

  AD1839AASZ-REEL1 Datasheet HTML 1Page - Analog Devices AD1839AASZ-REEL1 Datasheet HTML 2Page - Analog Devices AD1839AASZ-REEL1 Datasheet HTML 3Page - Analog Devices AD1839AASZ-REEL1 Datasheet HTML 4Page - Analog Devices AD1839AASZ-REEL1 Datasheet HTML 5Page - Analog Devices AD1839AASZ-REEL1 Datasheet HTML 6Page - Analog Devices AD1839AASZ-REEL1 Datasheet HTML 7Page - Analog Devices AD1839AASZ-REEL1 Datasheet HTML 8Page - Analog Devices AD1839AASZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2 ADC, 6 DAC,
96 kHz, 24-Bit Sigma-Delta Codec
AD1839A
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
5 V stereo audio system with 3.3 V tolerant digital interface
Supports up to 96 kHz sample rates
192 kHz sample rate available on 1 DAC
Supports 16-/20-/24-bit word lengths
Multibit
Σ-∆ modulators with perfect differential linearity
restoration for reduced idle tones and noise floor
Data-directed scrambling DACs—least sensitive to jitter
Single-ended output
ADCs: −95 dB THD + N, 105 dB SNR and dynamic range
DACs: −92 dB THD + N, 108 dB SNR and dynamic range
On-chip volume controls per channel with 1024-step linear
scale
DAC and ADC software controllable clickless mutes
Digital de-emphasis processing
Supports 256 × fS, 512 × fS, and 768 × fS master mode clocks
Power-down mode and soft power-down mode
Flexible serial data port with right-justified, left-justified,
I2S compatible, and DSP serial modes
TDM interface mode supports 8-in/8-out operation using a
single SHARC® SPORT
52-lead MQFP plastic package
APPLICATIONS
DVD video and audio players
Home theater systems
Automotive audio systems
Audio/visual receivers
Digital audio effects process
GENERAL DESCRIPTION
The AD1839A is a high performance single-chip codec that
features three stereo DACs and one stereo ADC. Each DAC
comprises a high performance digital interpolation filter, a
multibit Σ-∆ modulator featuring Analog Devices’ patented
technology, and a continuous-time voltage-out analog section.
Each DAC has independent volume control and clickless mute
functions. The ADC comprises two 24-bit conversion channels
with multibit Σ-∆ modulators and decimation filters.
The AD1839A also contains an on-chip reference with a
nominal value of 2.25 V.
The AD1839A contains a flexible serial interface that allows
glueless connection to a variety of DSP chips, AES/EBU
receivers, and sample rate converters. The AD1839A can be
configured in left-justified, right-justified, I2S, or DSP compati-
ble serial modes. Control of the AD1839A is achieved by means
of an SPI® compatible serial port. While the AD1839A can be
operated from a single 5 V supply, it also features a separate
supply pin for its digital interface that allows the device to be
interfaced to other devices using 3.3 V power supplies. The
AD1839A is available in a 52-lead MQFP package and is
specified for the −40°C to +85°C industrial temperature range.
FUNCTIONAL BLOCK DIAGRAM
OUTL1
CONTROL PORT
CLOCK
FILTD
FILTR
ADCLP
ADCLN
ADCRP
ADCRN
DLRCLK
DBCLK
DSDATA1
DSDATA2
DSDATA3
DAUXDATA
MCLK
ODVDD
DVDD
AVDD
AVDD
DVDD
AGND
DGND
CIN
CLATCH
CCLK
COUT
DIGITAL
FILTER
DIGITAL
FILTER
M/S
VOLUME
SERIAL DATA
I/O PORT
DIGITAL
FILTER
VREF
OUTR1
VOLUME
OUTL2
VOLUME
DIGITAL
FILTER
OUTR2
VOLUME
OUTL3
VOLUME
DIGITAL
FILTER
OUTR3
VOLUME
Σ-∆
ADC
AAUXDATA3
AD1839A
ASDATA
ABCLK
ALRCLK
AGND AGND AGND
DGND
Σ-∆
ADC
Σ-∆
DAC
Σ-∆
DAC
Σ-∆
DAC
PD/RST
Figure 1.


Similar Part No. - AD1839AASZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1839AS AD-AD1839AS Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839AS-REEL AD-AD1839AS-REEL Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A_15 Datasheet
681Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
More results

Similar Description - AD1839AASZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1839 AD-AD1839 Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A_15 Datasheet
681Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1838 AD-AD1838_15 Datasheet
501Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com