Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE933 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE933
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE933 Datasheet(HTML) 1 Page - NTE Electronics

  NTE933 Datasheet HTML 1Page - NTE Electronics NTE933 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE933
Integrated Circuit
Positive 3 Terminal Voltage Regulator,
12V, 5A
Description:
The NTE933 is a 3 terminal fixed positive voltage regulator in a TO3 type package designed for use in
applications requiring a well regulated positive output voltage. Outstanding features include full power
usage up to 5A of load current, internal current limiting, thermal shutdown, and safe area protection on
the chip, providing protection of the series pass Darlington, under most operating conditions. Hermeti-
cally sealed steel packages are utilized for high reliability and low thermal resistance. A low–noise tem-
perature stable band–gap reference is the key design factor insuring excellent temperature regulation
of the NTE933. This coupled to a very low output impedance insures superior load regulation.
Features:
D Guaranteed Power Dissipation: PD = 50W @ TC = +80°C
D Guaranteed Input–Output Differential: VIN – VO = +2.6V
D Low Noise, Band Gap Reference
D Remote Sense Capability
D Sample Power Cycled Burn–In
D Guaranteed Thermal Resistance Junction to Case: RΘJC = 0.9°C/W
Absolute Maximum Ratings:
Input Voltage (Note 1), VIN
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above TC = +80°C
1.111W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 60sec Max), TL
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
0.9
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Short circuit protection is only assured to VINmax. In case of short circuit, with input–output
voltages approaching VINmax, regulator may require the removal of the input voltage to restart.


Similar Part No. - NTE933

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE93 NTE-NTE93 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
NTE930 NTE-NTE930 Datasheet
81Kb / 3P
   Linear Integrated Circuit BiMOS Operational Amp
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE934 NTE-NTE934 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator 13.8V 짹5%, 5A
More results

Similar Description - NTE933

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE966 NTE-NTE966 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 12V
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE934 NTE-NTE934 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator 13.8V 짹5%, 5A
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
   Integrated Circuit Positive, 3-Terminal Voltage Regulator
NTE935 NTE-NTE935 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V, 5A
NTE1936 NTE-NTE1936 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 12V, 2A
NTE1915 NTE-NTE1915 Datasheet
24Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator -12V, 1.5A
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com