Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM366S1623DTL Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KMM366S1623DTL
Description  PC66 Unbuffered DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623DTL Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KMM366S1623DTL Datasheet HTML 2Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 3Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 4Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 5Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 6Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 7Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 8Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 9Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PC66 Unbuffered DIMM
KMM366S1623DTL
REV. 0.0 July 1999
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Notes :
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
REFER TO THE INDIVIDUAL COMPONENET, NOT THE WHOLE MODULE.
Parameter
Symbol
-0
Unit
Note
Min
Max
CLK cycle time
CAS latency=3
tCC
10
1000
ns
1
CAS latency=2
13
CLK to valid
output delay
CAS latency=3
tSAC
7
ns
1,2
CAS latency=2
7
Output data
hold time
CAS latency=3
tOH
3
ns
1,2
CAS latency=2
3
CLK high pulse width
tCH
3.5
ns
3
CLK low pulse width
tCL
3.5
ns
3
Input setup time
tSS
2.5
ns
3
Input hold time
tSH
1.5
ns
3
CLK to output in Low-Z
tSLZ
1
ns
2
CLK to output
in Hi-Z
CAS latency=3
tSHZ
7
ns
1
CAS latency=2
7


Similar Part No. - KMM366S1623DTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G0 SAMSUNG-KMM366S1623AT-G0 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G2 SAMSUNG-KMM366S1623AT-G2 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G8 SAMSUNG-KMM366S1623AT-G8 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
More results

Similar Description - KMM366S1623DTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
   PC100 Unbuffered DIMM
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com