Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6800A Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM6800A
Description  Class-D Mono Amplifier for Mobile Telephones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6800A Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM6800A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SM6800A
NIPPON PRECISION CIRCUITS INC.—9
TYPICAL APPLICATION CIRCUITS
Dynamic Speaker
LC-type LPF connection
Direct connection
Dielectric Speaker
A dielectric speaker is capacitive in nature, and therefore requires output resistor connection.
* Dielectric speaker
Taiyo Yuden MLS20070, MLS23070, MLS25070 or similar
SM6800
SPOUT POS
1
µF
47
µF
47
µF
1
µF
SOUND
GENERATOR IC
OUTPUT
2
SPOUT NEG 12
14
SM6800
SPOUT POS
OUTPUT
2
SPOUT NEG 12
14
SOUND
GENERATOR IC
SM6800
SPOUT POS
4
4
OUTPUT
2
SPOUT NEG 12
14
SOUND
GENERATOR IC
*


Similar Part No. - SM6800A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Nippon Precision Circui...
SM6801AB NPC-SM6801AB Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
More results

Similar Description - SM6800A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
   Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
   Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
   25W MONO CLASS-D AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com