Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-F6628 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # STR-F6628
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-F6628 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button STR-F6628 Datasheet HTML 3Page - Allegro MicroSystems STR-F6628 Datasheet HTML 4Page - Allegro MicroSystems STR-F6628 Datasheet HTML 5Page - Allegro MicroSystems STR-F6628 Datasheet HTML 6Page - Allegro MicroSystems STR-F6628 Datasheet HTML 7Page - Allegro MicroSystems STR-F6628 Datasheet HTML 8Page - Allegro MicroSystems STR-F6628 Datasheet HTML 9Page - Allegro MicroSystems STR-F6628 Datasheet HTML 10Page - Allegro MicroSystems STR-F6628 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
7
Functional Description and Operation (cont’d)
Figure 6 – Series STR-F6600 Typical Application
+
Dwg. EK-003-5A
0.73 V
TSD
OVER-VOLT.
PROTECT
R
SQ
REF.
FAULT
LATCH
4
3
2
1.45 V
UVLO
+
1
+
OSC
DRIVE
REG.
+
VOLTAGE
SENSE
+ OUTPUT
– OUTPUT
+
5
WARNING — These devices are designed to be operated at lethal voltages and energy levels. Circuit
designs that embody these components must conform with applicable safety requirements. Precau-
tions must be taken to prevent accidental contact with power-line potentials. Do not connect
grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Soft Start with Voltage Feedback (refer to figure 7)
Output voltage control is achieved by sensing the opto-
coupled feedback current (proportional to the output
voltage error signal) across resistor R4 and summing this
with the drain current ramp on R5. The signal on pin 1 is
therefore the opposite of the output voltage error signal
and the drain current ramp. The dc bias signal across R4 is
thus a function of the load. Consequently at light load, the
bias signal on R4 is closer to the threshold voltage of the
comparator.
To eliminate the possibility of false shutdown at
MOSFET turn on (when there is a current spike due to the
discharge of primary capacitance), a constant-current sink
of 1.35 mA is turned on, effectively lowering the input
impedance on pin 1, and momentarily increasing the
shutdown threshold.


Similar Part No. - STR-F6628

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-F6628 SANKEN-STR-F6628 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Allegro MicroSystems
STR-F6628 ALLEGRO-STR-F6628 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
logo
Sanken electric
STR-F6628 SANKEN-STR-F6628 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Allegro MicroSystems
STR-F6628 ALLEGRO-STR-F6628 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
More results

Similar Description - STR-F6628

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com