Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA955XN1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA955XN1
Description  TV signal processor-Teletext decoder with embedded m-Controller
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA955XN1 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA955XN1 Datasheet HTML 1Page - NXP Semiconductors TDA955XN1 Datasheet HTML 2Page - NXP Semiconductors TDA955XN1 Datasheet HTML 3Page - NXP Semiconductors TDA955XN1 Datasheet HTML 4Page - NXP Semiconductors TDA955XN1 Datasheet HTML 5Page - NXP Semiconductors TDA955XN1 Datasheet HTML 6Page - NXP Semiconductors TDA955XN1 Datasheet HTML 7Page - NXP Semiconductors TDA955XN1 Datasheet HTML 8Page - NXP Semiconductors TDA955XN1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
2000 Jun 22
5
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltages
8.0/3.3
V
IP
supply current
tbf
mA
Input voltages
ViVIFrms)
video IF amplifier sensitivity (RMS value)
35
−µV
ViSIF(rms)
QSS sound IF amplifier sensitivity (RMS value)
60
−µV
ViAUDIO(rms)
external audio input (RMS value)
500
mV
ViCVBS(p-p)
external CVBS/Y input (peak-to-peak value)
1.0
V
ViCHROMA(p-p) external chroma input voltage (burst amplitude)
(peak-to-peak value)
0.3
V
ViRGB(p-p)
RGB inputs (peak-to-peak value)
0.7
V
ViY(p-p)
luminance input signal (peak-to-peak value)
1.4 / 1.0
V
ViU(p-p) /
ViPB(p-p)
U / PB input signal (peak-to-peak value)
−−1.33 /
+0.7
V
ViV(p-p) /
ViPR(p-p)
V / PR input signal (peak-to-peak value)
−−1.05 /
+0.7
V
Output signals
Vo(IFVO)(p-p)
demodulated CVBS output (peak-to-peak value)
2.0
V
Vo(QSSO)(rms)
sound IF intercarrier output in QSS versions (RMS value)
100
mV
Vo(AMOUT)(rms) demodulated AM sound output in QSS versions (RMS
value)
500
mV
Vo(CVBSO)(p-p) selected CVBS output (peak-to-peak value)
2.0
V
Io(AGCOUT)
tuner AGC output current range
0
5mA
VoRGB(p-p)
RGB output signal amplitudes (peak-to-peak value)
2.0
V
IoHOUT
horizontal output current
10
−−
mA
IoVERT
vertical output current (peak-to-peak value)
1
−−
mA
IoEWD
EW drive output current
1.2
−−
mA


Similar Part No. - TDA955XN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9556 STMICROELECTRONICS-TDA9556 Datasheet
297Kb / 15P
   7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
More results

Similar Description - TDA955XN1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
   TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Renesas Technology Corp
M65582AMF-XXXFP RENESAS-M65582AMF-XXXFP Datasheet
514Kb / 46P
   NTSC TV Signal Processor with MCU
M61280M8-XXXFP RENESAS-M61280M8-XXXFP Datasheet
1Mb / 54P
   NTSC TV Signal Processor with MCU
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
   TELETEXT DECODER WITH 4 INTERGATED PAGES
logo
AAEON Technology
AEC-6520 AAEON-AEC-6520 Datasheet
292Kb / 2P
   IP-65 Washable Embedded Controller With Intel짰 Celeron짰 M Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com