Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1326 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1326
Description  Silicon NPN triple diffusion planar type Darlington For midium speed power switching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1326 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1326 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1326 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1326
Silicon NPN triple diffusion planar type Darlington
For midium speed power switching
s Features
q
Incorporating a zener diode of 60V zener voltage between col-
lector and base
q
Minimized variation in the breakdown voltage
q
Large energy handling capability
q
High-speed switching
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
60
±10
60
±10
5
8
4
40
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Energy handling capability
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*1
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Es/b
*2
Conditions
VCB = 50V, IE = 0
VEB = 5V, IC = 0
IC = 5mA, IB = 0
VCE = 3V, IC = 0.5A
VCE = 3V, IC = 3A
IC = 3A, IB = 12mA
IC = 5A, IB = 20mA
IC = 3A, IB = 12mA
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 3A, IB1 = 12mA, IB2 = –12mA,
VCC = 50V
IC = 2A, L = 100mH, RBE = 100Ω
min
50
1000
2000
50
typ
20
0.3
3
1
max
100
2
70
10000
2.5
4
2.5
Unit
µA
mA
V
V
V
MHz
µs
µs
µs
mJ
*1h
FE2 Rank classification
Rank
Q
P
hFE2
2000 to 5000 4000 to 10000
TC=25°C
Ta=25
°C
*2E
s/b Test circuit
Unit: mm
Internal Connection
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
B
E
C
X
L
1
Y
G
6V
120
Ω R
BE
60Hz mercury relay


Similar Part No. - 2SD1326

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1321 PANASONIC-2SD1321 Datasheet
349Kb / 6P
   SI NPN TRIPLE DIFFUSED PLANAR DARLINGTON
2SD1325 PANASONIC-2SD1325 Datasheet
345Kb / 6P
   SI NPN TRIPLE DIFFUSED PLANAR DARLINGTON
2SD1327 PANASONIC-2SD1327 Datasheet
50Kb / 2P
   Silicon NPN triple diffusion planar type Darlington For midium speed power switching
2SD1328 PANASONIC-2SD1328 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
logo
Guangdong Kexin Industr...
2SD1328 KEXIN-2SD1328 Datasheet
39Kb / 1P
   Silicon NPN Epitaxial Planar Type
More results

Similar Description - 2SD1326

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1327 PANASONIC-2SD1327 Datasheet
50Kb / 2P
   Silicon NPN triple diffusion planar type Darlington For midium speed power switching
2SD1277 PANASONIC-2SD1277 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For midium speed power switching)
2SD1773 PANASONIC-2SD1773 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For midium speed switching)
logo
Guangdong Kexin Industr...
2SD1611 KEXIN-2SD1611 Datasheet
43Kb / 2P
   Silicon NPN Triple Diffusion Planar Type Darlington
logo
Panasonic Semiconductor
2SD1633 PANASONIC-2SD1633 Datasheet
69Kb / 3P
   Silicon NPN triple diffusion planar type darlington
2SD1890 PANASONIC-2SD1890 Datasheet
57Kb / 3P
   Silicon NPN triple diffusion planar type Darlington
2SD1262 PANASONIC-2SD1262 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD1748 PANASONIC-2SD1748 Datasheet
65Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD1750 PANASONIC-2SD1750 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD2255 PANASONIC-2SD2255 Datasheet
55Kb / 3P
   Silicon NPN triple diffusion planar type Darlington For power amplification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com