Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1200F Datasheet(PDF) 1 Page - Rohm

Part # 2SD1200F
Description  MEDIUM POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1200F Datasheet(HTML) 1 Page - Rohm

  2SD1200F Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(96-618-B13)
(96-750-D13)
278
Transistors
2SB1189 / 2SB1238 / 2SB899F
Transistors
2SD1767 / 2SD1859 / 2SD1200F


Similar Part No. - 2SD1200F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1200F ETC1-2SD1200F Datasheet
38Kb / 1P
   MEDIUM POWER TRANSISTOR(-80V, -0.7A)
More results

Similar Description - 2SD1200F

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
   Medium Power Transistor
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
   Medium Power Transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
   Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
   Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
   Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
   Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
   medium power transistor
logo
Galaxy Semi-Conductor H...
2SD1767 BILIN-2SD1767 Datasheet
175Kb / 4P
   Medium power transistor
2SB1189 BILIN-2SB1189 Datasheet
179Kb / 4P
   Medium power transistor
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
   Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com