Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXSC410
Description  VOLTAGE MODE BOOST CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC410 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXSC410 Datasheet HTML 1Page - Zetex Semiconductors ZXSC410 Datasheet HTML 2Page - Zetex Semiconductors ZXSC410 Datasheet HTML 3Page - Zetex Semiconductors ZXSC410 Datasheet HTML 4Page - Zetex Semiconductors ZXSC410 Datasheet HTML 5Page - Zetex Semiconductors ZXSC410 Datasheet HTML 6Page - Zetex Semiconductors ZXSC410 Datasheet HTML 7Page - Zetex Semiconductors ZXSC410 Datasheet HTML 8Page - Zetex Semiconductors ZXSC410 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
VCC
-0.3V
to
+10V
DRIVE
-0.3V
to
VCC + 0.3V
EOR
-0.3V
to
VCC + 0.3V
* (ZXSC420 only)
STDN
-0.3V
to
The lower of (+5.0V) or (VCC + 0.3V)
* (ZXSC410 only)
VFB, SENSE
-0.3V
to
The lower of (+5.0V) or (VCC + 0.3V)
Operating Temp.
-40°C to
+85°C
Storage Temp.
-55°C to
+125°C
Power Dissipation
450mW
ZXSC410
ZXSC420
SEMICO NDUC TORS
ISSUE 2 - May 2003
2
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
Supply parameters
VCC
VCC Range
1.8
8
V
Iq
1
Quiescent Current
VCC = 8V
220
A
ISTDN
Shutdown Current
4.5
A
Eff
2
Efficiency
50mA > IOUT > 300mA
85
%
AccREF
Reference tolerance
1.8V < VCC < 8V
-3.0
3.0
%
TCOREF
Reference Temp Co
0.005
%/ C
TDRV
Discharge pulse width
1.8V < VCC < 8V
1.7
s
FOSC
Operating Frequency
200
kHz
Input parameters
VSENSE
sense voltage
22
28
34
mV
ISENSE
sense input current
VFB=0V;VSENSE=0V
-1
-7
-15
A
VFB
Feedback voltage
TA =25°C
291
300
309
mV
IFB
2
Feedback input current
VFB=0V;VSENSE=0V
-1.2
-4.5
A
VIH
Shutdown high voltage
1.5
1
VCC
V
VIL
Shutdown low voltage
0
0.55
V
dVLN
Line voltage regulation
0.5
%/V
Output parameters
IOUT
3
Output current
VIN >2V, VOUT =VIN
300
mA
IDRIVE
Transistor drive current
VDRIVE = 0.7V
2
3.4
5
mA
VDRIVE
Transistor voltage drive
1.8V < VCC <8V
0
VCC-0.4
V
CDRIVE
Mosfet gate drive cpbty
300
pF
VOHEOR
EOR Flag output high
IEOR = -300nA
2.5
VCC
V
VOLEOR
EOR Flag output low
IEOR = 1mA
0
1.15
V
TEOR
EOR delay time
TA =25°C
70
195
250
s
dILD
Load current regulation
0.01
%mA
ELECTRICAL CHARACTERISTICS
Test Conditions VCC= 3V, T= -40
°C to 85°C unless otherwise stated.
Note
1
Excluding gate/base drive current.
2
IFB is typically half of these values at 3V
3
System not device spec, including recommended transistors.


Similar Part No. - ZXSC410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC410 DIODES-ZXSC410 Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410 DIODES-ZXSC410 Datasheet
512Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
512Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC410 DIODES-ZXSC410 Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com