Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SKYA23011 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. SKYA23011
Description  SkyOne Ultra 3.0 Front-End Module for Automotive Applications WCDMA / LTE Bands 7, 30, 40, 41
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

   
 1 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
204972A • Skyworks Proprietary information • Products and Product Information are Subject to Change Without Notice • March 22, 2018
1
PRODUCT SUMMARY
SKYA23011 SkyOne® Ultra 3.0 Front-End Module for
Automotive Applications – WCDMA / LTE Bands 7, 30, 40, 41
Applications
• Multiband telematics boxes
• TDD-LTE/FDD LTE-modulated Bands 7, 30, 40 and 41
Features
• Fully integrated MB multiband module
• Optimized for average power tracking system
• B40 and B41 HPUE compatible
• Integrated duplexer for band 7
• Integrated Band 42 LNA
• MIPI® 2.0/RFFE interface
• Closed loop architecture with the implemented coupler output
port
• Integrated LNA module
• Flexible Tx Input
• Support B30/B38/B40/B41 Transmit Output port
• Small, low profile package
5.3 mm x 5.5 mm x 0.8 mm
46-pad configuration
Description
The SKYA23011, SkyOne® Ultra 3.0 is a multimode multiband
(MMMB) Front-End Module (FEM) that supports 4G and operates
efficiently in LTE modes. RF I/O ports are internally matched to 50
ohms, minimize the need for external components. Extremely low
leakage current maximizes standby time. The InGaP/GaAs die and
passive components are mounted on a multi-layer laminate
substrate and the assembly encapsulated in plastic overmold.
LTE: The SKYA23011 meets spectral linearity requirements of LTE
modulation with QPSK/16QAM up to 20 MHz bandwidth, including
various resource block allocations, with excellent power-added
efficiency.
Receiver Section: The SKYA23011’s integrated LNAs, antenna
switch and B7 duplexer provide 4G Rx paths from antenna to
input ports of RFIC. Optimized low insertion-loss Rx paths,
matching circuits, and well-grounded guard traces (high Tx–Rx
isolation) inside module mitigate desense problems and enhance
sensitivity performance.
LNA Rx Ports: The SKYA23011 provides four LNA input ports to
support additional bands and MIMO.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl