Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


RSBIC2220AA00K Datasheet(PDF) 1 Page - Kemet Corporation

Part No. RSBIC2220AA00K
Description  RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.022 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

   
 1 page
background image
KEMET Part Number: RSBIC2220AA00K
RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.022 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm +0.2mm
H
7.5mm +0.1mm
T
3.5mm +0.2mm
S
5mm +/-0.4mm
LL
4mm +1.5mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 2000
General Information
Supplier: KEMET
Series: RSB
Dielectric: Metallized Polyester Stacked
Style: Radial
Features: Automotive Grade, DC
Multipurpose Applications
RoHS: Yes
Lead: Cut
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 0.022 uF
Capacitance Tolerance: 10%
Voltage AC: 160 VAC
Voltage DC: 250 VDC
Temperature Range: -55/+125C
Rated Temperature: 85C
Dissipation Factor: 0.80% 1kHz, 1.20% 10kHz,
2.50% 100kHz
Insulation Resistance: 30 GOhms
Max dV/dt: 400 V/us
Inductance: 7 nH
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/31/2018 - 1bc8592c-d8d0-4f77-8b4f-b85b6118b2de




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl