Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSPPAD042A Datasheet(PDF) 27 Page - ALPS ELECTRIC CO.,LTD.

Part # HSPPAD042A
Description  Digital Pressure Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSPPAD042A Datasheet(HTML) 27 Page - ALPS ELECTRIC CO.,LTD.

Back Button HSPPAD042A Datasheet HTML 22Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 23Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 24Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 25Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 26Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 27Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 28Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 29Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 30Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
14. MECHANICAL INFORMATION
14.1 Pin Layout
Fig.15 : Pin layout
Table16 : Pin assign
P#
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
14.2 Package Dimension
Fig. 16 : Mechanical Dimension
SCL/SCK
TEST
SDO
NC
Name
Description
Digital Pressure Sensor
27 / 30
HSPPAD042A Datasheet
Rev.05
Mar/25/2016
DRDY
Data ready output
Ground
GND
CSB
GND
VDD
Chip select
Serial data input/output
Serial clock
Factory use
Serial data output
-
Ground
Voltage supply
SDA/SDI
(/)
3
(/)
4
(/)
11
(/)
5
(/)
8
(/)
9
(/)
10
(/)
2
(/)
7
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD. (/)
6
ALPS ELECTRIC CO.,LTD.
Top view
Bottom view
Confidential
Top view
Side view
Bottom view
Index mark


Similar Part No. - HSPPAD042A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
   Digital Pressure Sensor
More results

Similar Description - HSPPAD042A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
   Digital pressure sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
   Digital Pressure Sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
   Digital pressure sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP085 BOSCH-BMP085 Datasheet
644Kb / 27P
   Digital pressure sensor
BMP183 BOSCH-BMP183 Datasheet
743Kb / 28P
   Digital pressure sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com