Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27743 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ27743
Description  Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27743 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27743 Datasheet HTML 2Page - Texas Instruments BQ27743 Datasheet HTML 3Page - Texas Instruments BQ27743 Datasheet HTML 4Page - Texas Instruments BQ27743 Datasheet HTML 5Page - Texas Instruments BQ27743 Datasheet HTML 6Page - Texas Instruments BQ27743 Datasheet HTML 7Page - Texas Instruments BQ27743 Datasheet HTML 8Page - Texas Instruments BQ27743 Datasheet HTML 9Page - Texas Instruments BQ27743 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
bq27743
SLUSCM0A – JUNE 2017 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: bq27743
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process..
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
All currents are specified with charge pump on (FETs on).
(2)
All currents are continuous average over 5-second period.
7.3 Recommended Operating Conditions
TA = 25°C, CREG25 = 1.0 µF, and VVPWR = 3.6 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VVPWR
Supply voltage
No operating restrictions
2.8
5.0
V
No FLASH writes
2.45
2.8
CVPWR
External input capacitor for internal
LDO between VPWR and VSS
Nominal capacitor values
specified. Recommend a 5%
ceramic X5R type capacitor
located close to the device.
0.1
µF
CREG25
External output capacitor for
internal LDO between REG25 and
VSS
0.47
1.0
µF
ICC
NORMAL operating mode
current(1)(2) (VPWR)
Fuel gauge in NORMAL mode
ILOAD > Sleep Current with charge
pumps on (FETs on)
167
µA
ISLP
SLEEP mode current(1)(2) (VPWR)
Fuel gauge in SLEEP+ mode.
ILOAD < Sleep Current with charge
pumps on (FETs on)
88
µA
IFULLSLP
FULLSLEEP mode current(1)(2)
(VPWR)
Fuel gauge in SLEEP mode.
ILOAD < Sleep Current with charge
pumps on (FETs on)
40
µA
ISHUTDOWN
SHUTDOWN mode current(1)(2)
(VPWR)
Fuel gauge in SHUTDOWN mode.
UVP tripped with fuel gauge and
protector turned off (FETs off)
VVPWR = 2.5 V
TA = 25°C
0.1
0.2
µA
TA = –40°C to 85°C
0.5
µA
VOL
Output voltage low (SCL, SDA,
HDQ/PSD, PRES, INT/PSC)
IOL = 1 mA
0.4
V
VOH(OD)
Output voltage high (SDA, SCL,
HDQ/PSD, PRES, INT/PSC)
External pullup resistor connected
to VREG25
VREG25 – 0.5
V
VIL
Input voltage low (SDA, SCL,
HDQ/PSD, PRES, INT/PSC)
–0.3
0.6
V
VIH(OD)
Input voltage high (SDA, SCL,
HDQ/PSD, PRES, INT/PSC)
1.2
5.5
V
VIH(PP)
Input voltage low (INT/PSC)
1.2
VREG25
VA1
Input voltage range (TS)
VSS – 0.125
2
V
VA2
Input voltage range (BAT)
VSS – 0.125
5
V
VA3
Input voltage range (SRP, SRN)
VVPWR
0.125
VVPWR +
0.125
V
Ilkg
Input leakage current (I/O pins)
0.3
µA
tPUCD
Power-up communication delay
250
ms
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
bq27743
UNIT
YAH (DSBGA)
15 PINS
RθJA
Junction-to-ambient thermal resistance
70
°C/W


Similar Part No. - BQ27743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI-BQ27741-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFT-G1 TI-BQ27741YZFT-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com