Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27743 Datasheet(PDF) 37 Page - Texas Instruments

Part # BQ27743
Description  Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27743 Datasheet(HTML) 37 Page - Texas Instruments

Back Button BQ27743 Datasheet HTML 33Page - Texas Instruments BQ27743 Datasheet HTML 34Page - Texas Instruments BQ27743 Datasheet HTML 35Page - Texas Instruments BQ27743 Datasheet HTML 36Page - Texas Instruments BQ27743 Datasheet HTML 37Page - Texas Instruments BQ27743 Datasheet HTML 38Page - Texas Instruments BQ27743 Datasheet HTML 39Page - Texas Instruments BQ27743 Datasheet HTML 40Page - Texas Instruments BQ27743 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
37
bq27743
www.ti.com
SLUSCM0A – JUNE 2017 – REVISED SEPTEMBER 2018
Product Folder Links: bq27743
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
11.1.1 Li-Ion Cell Connections
For highest voltage measurement accuracy, it is critical to connect the BAT pin directly to the battery terminal
PCB pad. This avoids measurement errors caused by IR drops when high charge or discharge currents are
flowing. Connecting right at the positive battery terminal with a Kelvin connection ensures the elimination of
parasitic resistance between the point of measurement and the actual battery terminal. Likewise the low current
ground return for the fuel gauge and all related passive components should be star-connected right at the
negative battery terminal. This technique minimizes measurement error due to current-induced ground offsets
and also improves noise performance through prevention of ground bounce that could occur with high current
and low current returns intersecting ahead of the battery ground. The bypass capacitor for this sense line needs
to be placed as close as possible to the BAT input pin.
11.1.2 Sense Resistor Connections
Kelvin connections at the sense resistor are just as critical as those for the battery terminals themselves. The
differential traces should be connected at the inside of the sense resistor pads and not anywhere along the high
current trace path in order to prevent false increases to measured current that could result when measuring
between the sum of the sense resistor and trace resistance between the tap points. In addition, the routing of
these leads from the sense resistor to the input filter network and finally into the SRP and SRN pins needs to be
as closely matched in length as possible else additional measurement offset could occur. It is further
recommended to add copper trace or pour-based "guard rings" around the perimeter of the filter network and
coulomb counter inputs to shield these sensitive pins from radiated EMI into the sense nodes. This prevents
differential voltage shifts that could be interpreted as real current change to the fuel gauge. All of the filter
components need to be placed as close as possible to the coulomb counter input pins.
11.1.3 Thermistor Connections
The thermistor sense input should include a ceramic bypass capacitor placed as close to the TS input pin as
possible. The capacitor helps to filter measurements of any stray transients as the voltage bias circuit pulses
periodically during temperature sensing windows.
11.1.4 FET Connections
The battery current transmission path through the FETs should be routed with large copper pours to provide the
lowest resistance path possible to the system. Depending on package type, thermal vias can be placed in the
package land pattern's thermal pad to reduce thermal impedance and improve heat dissipation from the package
to the board, protecting the FETs during high system loading conditions. In addition, it is preferable to locate the
FETs and other heat generating components away from the low power pack electronics to reduce the chance of
temperature drift and associated impacts to data converter measurements. In the event of FET overheating,
keeping reasonable distance between the most critical components, such as the fuel gauge, and the FETs helps
to decrease the risk of thermal breakdown to the more fragile components.
11.1.5 ESD Component Connections
The ESD components included in the reference design that connect across the back-to-back FETs, as well as
from PACK+ to ground require trace connections that are as wide and short as possible in order to minimize loop
inductance in their return path. This ensures impedance is lowest at the AC loop through the series capacitors
and makes this route most attractive for ESD transients such that they are conducted away from the vulnerable
low voltage, low power fuel gauge and passive components. The series resistors and Zener diodes connected to
the serial communications lines should be placed as close as possible to the battery pack connector to keep
large ESD currents confined to an area distant from the fuel gauge electronics. Further, all ESD components
referred to ground should be single-point connected to the PACK– terminal if possible. This reduces the
possibility of ESD coupling into other sensitive nodes well ahead of the PACK– ground return.


Similar Part No. - BQ27743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI-BQ27741-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFT-G1 TI-BQ27741YZFT-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com