Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSRB04 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPSRB04
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSRB04 Datasheet(HTML) 4 Page - Unisonic Technologies

  UPSRB04 Datasheet HTML 1Page - Unisonic Technologies UPSRB04 Datasheet HTML 2Page - Unisonic Technologies UPSRB04 Datasheet HTML 3Page - Unisonic Technologies UPSRB04 Datasheet HTML 4Page - Unisonic Technologies UPSRB04 Datasheet HTML 5Page - Unisonic Technologies UPSRB04 Datasheet HTML 6Page - Unisonic Technologies UPSRB04 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UPSRB04
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R129-033.a
OPERAT I ON DESCRI PT I ON
The UTC UPSRB04 is a primary control unit for switch mode charger and adapter applications. It operates in
primary-side sensing and regulation. Opto-coupler and TL431 could be eliminated. Proprietary built-in CV and CC
control can achieve high precision CV/CC performance. It uses Pulse Frequency Modulation (PFM) method to build
discontinuous conduction mode (DCM) flyback power supplies.
Startup control
The VDD pin of UTC UPSRB04 is connected to the line input through a resistor. A large value startup resistor can
be used to minimize the power loss in application because the start current of UTC UPSRB04 is very low. When the
VDD voltage reaches VTH (ON), the internal startup circuit is disabled and the IC turns on.
Operating Current
The Operating current of UTC UPSRB04 is as low as 720
μA. Good efficiency and very low standby power can be
achieved.
Constant Voltage Operation
The output voltage is defined by the transmission ratio between the secondary and auxiliary winding. The UTC
UPSRB04
captures the auxiliary winding feedback voltage at FB pin and operates in constant-voltage (CV) mode to
regulate the output voltage. The auxiliary voltage reflects the output voltage is given by:
V
+
V
×
N
N
=
V
O
S
A
AUX
(1)
Where
∆V indicates the drop voltage of the output diode.
Figure2. Auxiliary voltage waveform
Via a resistor divider connected between the auxiliary winding and FB, the VAUX is sampled at the Tsampling end
and it is hold until the next sampling. The sampled voltage is compared with 2.5V reference voltage and the error is
amplified. The error amplifier output reflects the load condition and controls the Toff time to regulate the output
voltage, thus constant output voltage can be achieved.
Constant Current Operation
When the sampled voltage is below 2.5V reference voltage and the error amplifier output reaches its maximum,
thus UTC UPSRB04 operates in constant-current (CC) mode. The CC point and maximum output power can be
externally adjusted by external current sense resistor Rcs. The larger Rcs, the smaller CC point is, and the smaller
output power becomes.


Similar Part No. - UPSRB04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSRB01 UTC-UPSRB01 Datasheet
200Kb / 6P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01A UTC-UPSRB01A Datasheet
226Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01AG-AG6-R UTC-UPSRB01AG-AG6-R Datasheet
226Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01B UTC-UPSRB01B Datasheet
226Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01BG-AG6-R UTC-UPSRB01BG-AG6-R Datasheet
226Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
More results

Similar Description - UPSRB04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSR1103 UTC-UPSR1103 Datasheet
201Kb / 8P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01 UTC-UPSRB01 Datasheet
200Kb / 6P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB02 UTC-UPSRB02 Datasheet
213Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB03 UTC-UPSRB03 Datasheet
164Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UC1103 UTC-UC1103 Datasheet
235Kb / 9P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01A UTC-UPSRB01A Datasheet
226Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01B UTC-UPSRB01B Datasheet
226Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB02 UTC-UPSRB02_16 Datasheet
160Kb / 7P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSR100 UTC-UPSR100 Datasheet
170Kb / 6P
   HIGH PRECISION CC/CV PRIMARY SIDE REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
   High precision CC/CV primary side controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com