Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISCE18121 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part No. ISCE18121
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISC [Inchange Semiconductor Company Limited]
Homepage  http://www.iscsemi.cn
Logo 

   
 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
ISCE18121
DESCRIPTION
·
High Collector Current -IC= -4A
·
High Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -30V(Min)
·
Good Linearity of hFE
·
Low Saturation Voltage
APPLICATIONS
·
Designed for use in the output stage of 3 watts audio amp-
lifier, voltage regulator, DC-DC converter and relay driver.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-4
A
ICP
Collector Current-Pulse
-10
A
PC
Collector Power Dissipation
@ TC=25℃
30
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl