Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1278-SP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278-SP
Description  Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278-SP Datasheet(HTML) 4 Page - Texas Instruments

  ADS1278-SP Datasheet HTML 1Page - Texas Instruments ADS1278-SP Datasheet HTML 2Page - Texas Instruments ADS1278-SP Datasheet HTML 3Page - Texas Instruments ADS1278-SP Datasheet HTML 4Page - Texas Instruments ADS1278-SP Datasheet HTML 5Page - Texas Instruments ADS1278-SP Datasheet HTML 6Page - Texas Instruments ADS1278-SP Datasheet HTML 7Page - Texas Instruments ADS1278-SP Datasheet HTML 8Page - Texas Instruments ADS1278-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
ADS1278-SP
SBAS937 – SEPTEMBER 2018
www.ti.com
Product Folder Links: ADS1278-SP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
Analog ground
Analog ground; connect to DGND using a single plane.
AINP1
Analog input
AINP[8:1] Positive analog input, channels 8 through 1.
AINP2
Analog input
AINP3
Analog input
AINP4
Analog input
AINP5
Analog input
AINP6
Analog input
AINP7
Analog input
AINP8
Analog input
AINN1
Analog input
AINN[8:1] Negative analog input, channels 8 through 1.
AINN2
Analog input
AINN3
Analog input
AINN4
Analog input
AINN5
Analog input
AINN6
Analog input
AINN7
Analog input
AINN8
Analog input
AVDD
Analog power supply
Analog power supply (4.75 V to 5.25 V).
VCOM
Analog output
AVDD / 2 Unbuffered voltage output.
VREFN
Analog input
Negative reference input.
VREFP
Analog input
Positive reference input.
CLK
Digital input
Master clock input.
CLKDIV
Digital input
CLK input divider
control:
1 = 32.768 MHz (High-Speed mode only) / 27
MHz
0 = 13.5 MHz (low-power) / 5.4 MHz (low-speed)
DGND
Digital ground
Digital ground power supply.
DIN
Digital input
Daisy-chain data input.
DOUT1
Digital output
DOUT1 is TDM data output (TDM mode).
DOUT2
Digital output
DOUT[8:1] Data output for channels 8 through 1.
DOUT3
Digital output
DOUT4
Digital output
DOUT5
Digital output
DOUT6
Digital output
DOUT7
Digital output
DOUT8
Digital output
DRDY/
FSYNC
Digital input/output
Frame-Sync protocol: frame clock input; SPI protocol: data ready output.
DVDD
Digital power supply
Digital core power supply (+1.65 V to +1.95 V).
FORMAT0
Digital input
FORMAT[2:0] Selects Frame-Sync/SPI protocol, TDM/discrete data outputs,
fixed/dynamic position TDM data, and modulator mode/normal operating
mode.
FORMAT1
Digital input
FORMAT2
Digital input
IOVDD
Digital power supply
I/O power supply (+1.65 V to +3.6 V).
MODE0
Digital input
MODE[1:0] Selects High-Speed, High-Resolution, Low-Power, or Low-Speed
mode operation.
MODE1
Digital input


Similar Part No. - ADS1278-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1278-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com