Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1278-SP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278-SP
Description  Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278-SP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1278-SP Datasheet HTML 15Page - Texas Instruments ADS1278-SP Datasheet HTML 16Page - Texas Instruments ADS1278-SP Datasheet HTML 17Page - Texas Instruments ADS1278-SP Datasheet HTML 18Page - Texas Instruments ADS1278-SP Datasheet HTML 19Page - Texas Instruments ADS1278-SP Datasheet HTML 20Page - Texas Instruments ADS1278-SP Datasheet HTML 21Page - Texas Instruments ADS1278-SP Datasheet HTML 22Page - Texas Instruments ADS1278-SP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
-
0.5
InputCommon-ModeVoltage(V)
14
12
10
8
6
4
2
0
14
12
10
8
6
4
2
0
5.5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Linearity
Noise
0
V
(V)
REF
14
12
10
8
6
4
2
0
-100
-104
-108
-112
-116
-120
-124
-128
3.5
THD
0.5
1.0
1.5
2.0
2.5
3.0
Linearity
THD:f
=1kHz,V
= 0.5dBFS
IN
IN
-
See
for
ElectricalCharacteristics
V
OperatingRange.
REF
0
2
4
6
8
10
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
-2.0
-2.5
V
(V)
IN
10
8
6
4
2
0
-2
-4
-6
-8
-10
2.5
-1.5 -1.0 -0.5
0
0.5
1.0
1.5
2.0
T= 40 C
-
°
T=+25 C
°
T=+125 C
°
T=+105 C
°
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14
14.1
14.2
14.3
26.2
26.4
26.6
26.8
27
27.2
27.4
27.6
27.8
28
28.2
28.4
28.6
-55 -35
-15
5
25
45
65
85 105 125
Temperature (°C)
High Speed and
High Resolution
Low Power Mode
Low-Speed Mode
-55 -35
-15
5
25
45
65
85 105 125
Temperature (°C)
110
120
130
140
150
160
170
19
ADS1278-SP
www.ti.com
SBAS937 – SEPTEMBER 2018
Product Folder Links: ADS1278-SP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, High-Speed mode, AVDD = 5 V, DVDD = 1.8 V, IOVDD = 3.3 V, fCLK = 27 MHz, VREFP = 2.5 V,
and VREFN = 0 V, unless otherwise noted.
Figure 39. Analog Input Differential Impedance vs
Temperature
Figure 40. Analog Input Differential Impedance vs
Temperature
Figure 41. Integral Nonlinearity vs Temperature
Figure 42. Linearity Error vs Input Level
Figure 43. Linearity and Total Harmonic Distortion vs
Reference Voltage
Figure 44. Noise and Linearity vs Input Common-Mode
Voltage


Similar Part No. - ADS1278-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1278-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com