Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE825 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE825
Description  Integrated Circuit Battery Operated Audio Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE825 Datasheet(HTML) 3 Page - NTE Electronics

  NTE825 Datasheet HTML 1Page - NTE Electronics NTE825 Datasheet HTML 2Page - NTE Electronics NTE825 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Vout
VS
Pin Connection Diagram
Bootstrap
1
2
3
4
Bypass
Gain
GND
GND
5
GND
6
Gain
7
(–) Input
14
13
12
11
GND
GND
10 GND
9
8
(+) Input
.600 (15.24)
17
14
8
.300
(7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max


Similar Part No. - NTE825

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE821 NTE-NTE821 Datasheet
23Kb / 3P
   Integrated Circuit TV Chroma Demodulator
NTE8212 NTE-NTE8212 Datasheet
28Kb / 4P
   Integrated Circuit Schottky, 8-Bit Input/Output Port
NTE8213 NTE-NTE8213 Datasheet
55Kb / 1P
   Thermal Cutoff
NTE8226 NTE-NTE8226 Datasheet
55Kb / 1P
   Thermal Cutoff
NTE823 NTE-NTE823 Datasheet
20Kb / 3P
   Integrated Circuit Low Voltage Audio Amplifier
More results

Similar Description - NTE825

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1627 NTE-NTE1627 Datasheet
18Kb / 2P
   Integrated Circuit Power Amp, 550mW, for Battery Operated Radios
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1228 NTE-NTE1228 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1110 NTE-NTE1110 Datasheet
82Kb / 3P
   Integrated Circuit Audio Power Amp, 2W
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 1.5W
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
   Integrated Circuit Audio Power Amp, 5.8W
logo
STMicroelectronics
TDA7701 STMICROELECTRONICS-TDA7701 Datasheet
51Kb / 4P
   BATTERY OPERATED FULLY INTEGRATED FM TUNER
February 2005 Rev. 1
logo
NTE Electronics
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE740A NTE-NTE740A Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amp, 2W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com