Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4084B Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # U4084B
Description  Low-Voltage, Voice-Switched Circuit for Hands-Free Operation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4084B Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button U4084B Datasheet HTML 4Page - TEMIC Semiconductors U4084B Datasheet HTML 5Page - TEMIC Semiconductors U4084B Datasheet HTML 6Page - TEMIC Semiconductors U4084B Datasheet HTML 7Page - TEMIC Semiconductors U4084B Datasheet HTML 8Page - TEMIC Semiconductors U4084B Datasheet HTML 9Page - TEMIC Semiconductors U4084B Datasheet HTML 10Page - TEMIC Semiconductors U4084B Datasheet HTML 11Page - TEMIC Semiconductors U4084B Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
U4084B
TELEFUNKEN Semiconductors
Rev. A1, 31-Jan-97
Preliminary Information
8 (26)
Temperature Characteristics
Parameter
Typical Value @ 25
°C
Typical Change –20 to +60
°C
Supply current, CD = 0.8 V
IS
4.0 mA
–0.3%/
°C
Supply current, CD = 2.0 V
IS
400.0
mA
–0.4%/
°C
VB output voltage, VS = 5.0 V
VO
2.1 V
+0.8%/
°C
Attenuator gain (max. gain)
+6.0 dB
0.0008 dB/
°C
Attenuator gain (max. attenuation)
–46.0 dB
0.004 dB/
°C
Attenuator input resistance (@ TI, RI)
10.0 k
W
+0.6%/
°C
Dial-tone detector threshold
15.0 mV
+20.0
mV/°C
CT source, sink current
"60.0 mA
*0.15%/°C
Microphone, hybrid offset
0.0 mV
"4.0 mV/°C
Transmit receive switching threshold
1.0
"0.02%/°C
Sink current at RLO1, RLO2, TLO1, TLO2
4.0
mA
*10.0 nA/°C


Similar Part No. - U4084B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4080B TEMIC-U4080B Datasheet
169Kb / 15P
   Voice-Switched Circuit for Handsfree Operation
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
Unisonic Technologies
U4082B UTC-U4082B Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
ATMEL Corporation
U4082B-MFLG ATMEL-U4082B-MFLG Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
U4082B-MFLG3G ATMEL-U4082B-MFLG3G Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
More results

Similar Description - U4084B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
TEMIC Semiconductors
U4087B TEMIC-U4087B Datasheet
113Kb / 8P
   Low Voltage Voice Switch Interface Circuit for Hands-free Operation in Telephone
U4080B TEMIC-U4080B Datasheet
169Kb / 15P
   Voice-Switched Circuit for Handsfree Operation
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_13 Datasheet
378Kb / 21P
   Voice Switched Speakerphone Circuit Chip disable for active/standby operation
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
TC34018 FUMAN-TC34018 Datasheet
1Mb / 6P
   Hands-free calling integrated circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com