Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE823 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE823
Description  Integrated Circuit Low Voltage Audio Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE823 Datasheet(HTML) 3 Page - NTE Electronics

  NTE823 Datasheet HTML 1Page - NTE Electronics NTE823 Datasheet HTML 2Page - NTE Electronics NTE823 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
14
.260 (6.6)
.390 (9.9)
Max
85
.155
(3.93)
.145 (3.68)
.300
(7.62)
.300 (7.62)
.100 (2.54)


Similar Part No. - NTE823

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE821 NTE-NTE821 Datasheet
23Kb / 3P
   Integrated Circuit TV Chroma Demodulator
NTE8212 NTE-NTE8212 Datasheet
28Kb / 4P
   Integrated Circuit Schottky, 8-Bit Input/Output Port
NTE8213 NTE-NTE8213 Datasheet
55Kb / 1P
   Thermal Cutoff
NTE8226 NTE-NTE8226 Datasheet
55Kb / 1P
   Thermal Cutoff
NTE824 NTE-NTE824 Datasheet
20Kb / 2P
   Integrated Circuit Low Noise Dual Preamplifier
More results

Similar Description - NTE823

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1468 NTE-NTE1468 Datasheet
21Kb / 2P
   Integrated Circuit Audio, Low Power Output Amplifier
NTE745 NTE-NTE745 Datasheet
20Kb / 2P
   Integrated Circuit Audio Amplifier, 500mW
logo
KEC(Korea Electronics)
KIA6419P KEC-KIA6419P Datasheet
1Mb / 11P
   SILICON MONOLITHIC INTEGRATED CIRCUIT (LOW POWER AUDIO AMPLIFIER)
logo
NTE Electronics
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
   Integrated Circuit Audio Power Amplifier, 7W
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
NTE1376 NTE-NTE1376 Datasheet
24Kb / 3P
   Integrated Circuit Audio Power Amplifier, 22W
NTE1465 NTE-NTE1465 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 500mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com