Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1268 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1268
Description  500mA Fixed Output, Fast Response CMOS LDO with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1268 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1268 Datasheet HTML 4Page - Microchip Technology TC1268 Datasheet HTML 5Page - Microchip Technology TC1268 Datasheet HTML 6Page - Microchip Technology TC1268 Datasheet HTML 7Page - Microchip Technology TC1268 Datasheet HTML 8Page - Microchip Technology TC1268 Datasheet HTML 9Page - Microchip Technology TC1268 Datasheet HTML 10Page - Microchip Technology TC1268 Datasheet HTML 11Page - Microchip Technology TC1268 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 2002 Microchip Technology Inc.
DS21379B-page 9
TC1268
SALES AND SUPPORT
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.


Similar Part No. - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC126 MICROCHIP-TC126 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
More results

Similar Description - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com