Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC88E43 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC88E43
Description  EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC88E43 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC88E43 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC88E43 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC88E43 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC88E43 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC88E43 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC88E43 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC88E43 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC88E43 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC88E43 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Silan
Semiconductors
SC88E43
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
(continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Notes
Common Mode Rejection
CMRR
VCMmin
≤ VIN ≤ VCMmax
40
--
--
dB
DC Open Loop Voltage Gain
AVOL
--
30
--
--
dB
Unity Gain Bandwidth
fC
--
0.3
--
--
MHz
Output Voltage Swing
VO
Load
≥ 50kΩ
0.5
--
VDD-0.5
VPP
Maximum Capacitive Load (GS)
CL
--
--
--
100
pF
Maximum Resistive Load (GS)
RL
--
50
--
--
k
Common Mode Range Voltage
VCM
--
1.0
--
VDD-0.1
V
FSK Detection
--
-40
--
-8
dBV
a
--
-37.78
--
-5.78
dBm
b
Input Detection Level
--
10
--
398.1
mVrms
6,8
Transmission Rate
--
1188
1200
1212
baud
Bell 202 1 (Mark)
1188
1200
1212
Hz
Bell 202 0 (Space)
2178
2200
2222
Hz
CCITT V.23 1 (Mark)
1280.5
1300
1319.5
Hz
Input Frequency Detection
CCITT V.23 0 (Space)
2068.5
2100
2131.5
Hz
Signal to Noise Ratio
SNRFSK --
20
--
--
dB
6,7
Dual Tone Alert Signal Timing
Alert Signal Present Detect Time
tDP
--
0.5
--
10
ms
9
Alert Signal Absent Detect Time
tDA
--
0.1
--
8
ms
9
3-Wire Interface Timming
Power-up Time
tPU
--
--
50
ms
Power-down Time
tPD
PWDN, OSC1 Pins
--
--
1
ms
Input FSK to
CD Low Delay
tCP
--
--
25
ms
Input FSK to
CD High Delay
tCA
8--
--
ms
Hysteresis
CD Pin
8--
--
ms
3-Wire Interface Timming (Mode 0)
RiseTime
tRR
DR Pin
--
--
200
ns
10
Fall Time
tRF
DR Pin
--
--
200
ns
10
Low Time
tRL
DR Pin
415
416
417
µs
12
Rate
--
DATA Pin
1188
1200
1212
baud
11
Input FSK to DATA delay
tIDD
DATA Pin
--
1
5
ms
(To be continued)


Similar Part No. - SC88E43

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8821 SILAN-SC8821 Datasheet
690Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
SC8821A SILAN-SC8821A Datasheet
690Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC8863-250CSK SEMTECH-SC8863-250CSK Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC8863-250CSKTR SEMTECH-SC8863-250CSKTR Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
More results

Similar Description - SC88E43

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
MT88E43 ZARLINK-MT88E43 Datasheet
317Kb / 26P
   Extended Voltage Calling Number Identification Circuit 2
MT88E41 ZARLINK-MT88E41 Datasheet
888Kb / 16P
   CMOS Extended Voltage Calling Number Identification Circuit (ECNIC)
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E45B ZARLINK-MT88E45B Datasheet
488Kb / 28P
   4-Wire Calling Number Identification Circuit 2
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
[Old version datasheet]   Bellcore Compliant Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E46 ZARLINK-MT88E46 Datasheet
522Kb / 23P
   Bellcore Compliant Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com