Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3888 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB3888
Description  DC/DC Converter IC for Charging Li-ion Battery
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3888 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB3888 Datasheet HTML 3Page - Fujitsu Component Limited. MB3888 Datasheet HTML 4Page - Fujitsu Component Limited. MB3888 Datasheet HTML 5Page - Fujitsu Component Limited. MB3888 Datasheet HTML 6Page - Fujitsu Component Limited. MB3888 Datasheet HTML 7Page - Fujitsu Component Limited. MB3888 Datasheet HTML 8Page - Fujitsu Component Limited. MB3888 Datasheet HTML 9Page - Fujitsu Component Limited. MB3888 Datasheet HTML 10Page - Fujitsu Component Limited. MB3888 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MB3888
7
s
s
s
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Power supply voltage
VCC
VCC, VCC (O) terminal
8
25
V
Reference voltage output
current
IREF
−1
0mA
VH terminal output
current
IVH
0
30
mA
Input voltage
VINE
−INE and +INE terminal
0
VCC
− 1.8
V
VINC
−INC and +INC terminal
0
VCC
V
VDTC
DTC terminal
0
VCC
− 0.9
V
OUTD terminal
output voltage
VOUTD
0
17
V
OUTD terminal
output current
IOUTD
0
2mA
CTL terminal
input voltage
VCTL
0
25
V
Output current
IOUT
−45
+45
mA
Peak output current
IOUT
Duty
≤ 5 %
(t
= 1 / fosc × Duty)
−600
+600
mA
Oscillation frequency
fOSC
100
290
500
kHz
Timing resistor
RT
27
43
130
k
Soft-start capacitor
CS

0.022
1.0
µF
VH terminal capacitor
CVH

0.1
1.0
µF
Reference voltage output
capacitor
CREF

0.1
1.0
µF
Operating ambient
temperature
Ta
−30
+25
+85
°C


Similar Part No. - MB3888

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881PFF FUJITSU-MB3881PFF Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3882PFV FUJITSU-MB3882PFV Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Similar Description - MB3888

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119 Datasheet
598Kb / 53P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
logo
Cypress Semiconductor
MB39A134 CYPRESS-MB39A134 Datasheet
1Mb / 44P
   DC/DC Converter ICfor Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119_08 Datasheet
1Mb / 52P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
MB39A107 FUJITSU-MB39A107 Datasheet
532Kb / 45P
   DC/DC Converter IC for Charging Li-ion Battery with Synchronous Rectifier
MB39A132QN-G-ERE1 FUJITSU-MB39A132QN-G-ERE1 Datasheet
526Kb / 56P
   ASSP For Power Management Applications (Rechargeable Battery) Synchronous Rectification DC/DC Converter IC for Charging Li-ion Battery
MB3879 FUJITSU-MB3879 Datasheet
544Kb / 54P
   DC/DC Converter IC for Parallel Charging of 3/4 cell Li-ion & NiMH Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com