Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6667AUA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6667AUA
Description  High-Accuracy PWM Output Temperature Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6667AUA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6667AUA Datasheet HTML 1Page - Maxim Integrated Products MAX6667AUA Datasheet HTML 2Page - Maxim Integrated Products MAX6667AUA Datasheet HTML 3Page - Maxim Integrated Products MAX6667AUA Datasheet HTML 4Page - Maxim Integrated Products MAX6667AUA Datasheet HTML 5Page - Maxim Integrated Products MAX6667AUA Datasheet HTML 6Page - Maxim Integrated Products MAX6667AUA Datasheet HTML 7Page - Maxim Integrated Products MAX6667AUA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1°C. Use Figure 3 to estimate the temperature error
with respect to the MAX6666 packages.
Low-Voltage Logic
Use the MAX6667 open-drain output to drive low-volt-
age devices. As shown in Figure 4, connect a pullup
resistor from the low-voltage logic supply to the
MAX6667 output. Limit the resistor’s current to about
1mA, thus maintaining an output low logic level of less
than 200mV.
Chip Information
TRANSISTOR COUNT: 6479
PROCESS: BiCMOS
High-Accuracy PWM Output Temperature
Sensors
6
_______________________________________________________________________________________
VCC
DOUT
DOUT
P
N
(a)
(b)
N
VCC
Figure 2. MAX6666/MAX6667 Output Configuration
MAX6667
+3.3V
2.5V
GND
TO LOGIC GATE INPUT
5.1k
DOUT
Figure 4. Low-Voltage Logic
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
04
6
28
10
MAX6666
TEMPERATURE ERROR vs. LOAD CURRENT
LOAD CURRENT (mA)
µMAX
SO
SOT23-6
Figure 3. MAX6666 Temperature Error Due to Load Current
VCC
IC
GND
1
5
6
IC
IC
DOUT
MAX6666
MAX6667
SOT23
2
34
TOP VIEW
Pin Configurations (continued)


Similar Part No. - MAX6667AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6667AUT+T MAXIM-MAX6667AUT+T Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
MAX6667AUT+T MAXIM-MAX6667AUT+T Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
More results

Similar Description - MAX6667AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Texas Instruments
TMP235 TI1-TMP235_18 Datasheet
974Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235 TI1-TMP235 Datasheet
274Kb / 13P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6672 MAXIM-MAX6672_V01 Datasheet
1Mb / 7P
   PWM Output Temperature Sensors in SC70 Packages
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com