Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8594ETG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8594ETG
Description  5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8594ETG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8594ETG Datasheet HTML 2Page - Maxim Integrated Products MAX8594ETG Datasheet HTML 3Page - Maxim Integrated Products MAX8594ETG Datasheet HTML 4Page - Maxim Integrated Products MAX8594ETG Datasheet HTML 5Page - Maxim Integrated Products MAX8594ETG Datasheet HTML 6Page - Maxim Integrated Products MAX8594ETG Datasheet HTML 7Page - Maxim Integrated Products MAX8594ETG Datasheet HTML 8Page - Maxim Integrated Products MAX8594ETG Datasheet HTML 9Page - Maxim Integrated Products MAX8594ETG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5-Output PMICs with DC-DC Core Supply for
Low-Cost PDAs
6
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SDIG Output Voltage
ILOAD = 100µA to 200mA, VIN = 3.6V to 5.5V
3.218
3.383
V
SDIG Current Limit
485
900
mA
ILOAD = 200mA
300
SDIG Dropout Voltage
ILOAD = 500mA
1250
mV
SDIG Reverse Leakage Current
VSDIG = 5.5V, VENSD = VIN = 0V
15
µA
COR2 Output Voltage
ILOAD = 100µA to 50mA, VIN = 3.6V to 5.5V
1.750
1.845
V
COR2 Current Limit
60
150
mA
COR1 PWM BUCK
CV = high (MAX8594A)
1.743
1.855
CV = high (MAX8594) or CV = low (MAX8594A)
1.255
1.340
COR1 Output Voltage Accuracy
CV = low (MAX8594)
0.969
1.023
V
ILXC = -180mA
1.34
p-Channel On-Resistance
ILXC = -180mA, VPV = 3.1V
1.58
ILXC = 180mA
0.46
n-Channel On-Resistance
ILXC = 180mA, VPV = 3.1V
0.53
p-Channel Current-Limit
Threshold
-0.460
-0.925
A
n-Channel Current-Limit
Threshold
-0.46
-0.92
A
LXC Leakage Current
VPV = 5.5V, VLXC = 0V or VPV, VENC1 = 0V
-10
+10
µA
REF AND RESET OUTPUT
REF Voltage Accuracy
IREF = 0.1µA
1.229
1.264
V
REF Line Regulation
3.1V < V < 5.5V, IREF = 0.1µA
3
mV
REF Load Regulation
0.1µA < IREF < 10µA
3
mV
CV = low or CV = high (MAX8594),
CV = low (MAX8594A)
88.00
93.25
RS Deassert Threshold for COR1
Rising (Note 1)
CV = high (MAX8594A)
67.0
72.7
%
RS Deassert Delay
10
30
ms
LCD
LXL Voltage Range
28
V
LXL Current Limit
L1 = 10µH
180
280
mA
LXL Leakage Current
VLXL = 28V
2
µA
Maximum LXL On-Time
2
4
µs
VLFB > 1.1V
0.8
1.2
Minimum LXL Off-Time
VLFB < 0.8V (soft-start)
3.9
6.0
µs
LFB Feedback Threshold
1.223
1.270
V
LFB Input Bias Current
VLFB = 1.3V
50
nA
SW Off-Leakage Current
VSW = 0V, VPV = 5.5V, VENL = 0V
1
µA
SW PMOS On-Resistance
1.5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VPV = VENSD = VENC2 = VENL = VENM = VENC1 = VDBI = VLBI = 4.0V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)


Similar Part No. - MAX8594ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8595 MAXIM-MAX8595 Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X MAXIM-MAX8595X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595X MAXIM-MAX8595X Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X-MAX8596X MAXIM-MAX8595X-MAX8596X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595XETA MAXIM-MAX8595XETA Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
More results

Similar Description - MAX8594ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1559 MAXIM-MAX1559 Datasheet
526Kb / 14P
   5-Output Power-Management IC For Low-Cost PDAs
Rev 1; 10/03
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
   Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
logo
MicroPower Direct, LLC
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
   Low Cost, 2W SMT Dual Output DC/DC Converters
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MYMGC0R88RFLF2RV MURATA1-MYMGC0R88RFLF2RV Datasheet
1Mb / 17P
   MonoBlock type POL, Low output 8A DC-DC converter series for core
2018
logo
List of Unclassifed Man...
RT9237 ETC-RT9237 Datasheet
323Kb / 15P
   MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com