Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8594 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8594
Description  5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8594 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8594 Datasheet HTML 1Page - Maxim Integrated Products MAX8594 Datasheet HTML 2Page - Maxim Integrated Products MAX8594 Datasheet HTML 3Page - Maxim Integrated Products MAX8594 Datasheet HTML 4Page - Maxim Integrated Products MAX8594 Datasheet HTML 5Page - Maxim Integrated Products MAX8594 Datasheet HTML 6Page - Maxim Integrated Products MAX8594 Datasheet HTML 7Page - Maxim Integrated Products MAX8594 Datasheet HTML 8Page - Maxim Integrated Products MAX8594 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5-Output PMICs with DC-DC Core Supply for
Low-Cost PDAs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS
(VIN = VPV = VENSD = VENC2 = VENL = VENM = VENC1 = VDBI = VLBI = 4.0V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
IN, PV Voltage Range
3.1
5.5
V
VDBI = VIN, VIN falling
2.93
3.06
VIN Complete Shutdown
Threshold
VDBI = VIN, VIN rising
3.135
3.525
V
VDBI falling
1.228
1.264
VDBI Complete Shutdown
Threshold
VDBI rising
1.306
1.478
V
VLBI rising
1.228
1.264
VLBI LBO Threshold
VLBI falling
1.103
1.140
V
VLBI = VIN, VIN falling
3.248
3.366
VIN LBO Threshold
VLBI = VIN, VIN rising
3.609
3.744
V
Preset mode, VIN = 2.9V
VIN -
0.3
DBI Input Dual-Mode Threshold
ADJ mode, VIN = 2.9V
VIN -
1.25
V
Preset mode, VIN = 3.2V
VIN -
0.3
LBI Input Dual-Mode Threshold
with Respect to IN
ADJ mode, VIN = 3.2V
VIN -
1.25
V
DBI Complete Shutdown Input
Program Range
VIN falling
3.0
5.5
V
DBI Input Bias Current
VDBI = 1.25V
-50
+50
nA
LBI Input Bias Current
VLBI = 1.25V
-50
+50
nA
Shutdown (DBI remains on, REF off), VIN = VPV = VDBI =
VLBI = 2.7V
10
All off (REF on)
55
IN, PV Operating Current
All on, LXL, LXC not switching
180
µA
Main on, no load
75
Main on, no load, COR1 on, LXC not switching
110
IN Operating Current
All on except LCD, VENL = 0V, LXL and LXC not
switching
160
µA
LDOs
MAIN, SDIG Soft-Start Time
Ramp ILIM from 0% to 100%
300
1200
µs
MAIN Output Voltage
ILOAD = 100µA to 300mA, VIN = 3.6V to 5.5V
3.209
3.383
V
MAIN Current Limit
550
1230
mA
ILOAD = 300mA
330
MAIN Dropout Voltage
ILOAD = 500mA
595
mV


Similar Part No. - MAX8594

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8595 MAXIM-MAX8595 Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X MAXIM-MAX8595X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595X MAXIM-MAX8595X Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X-MAX8596X MAXIM-MAX8595X-MAX8596X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595XETA MAXIM-MAX8595XETA Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
More results

Similar Description - MAX8594

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1559 MAXIM-MAX1559 Datasheet
526Kb / 14P
   5-Output Power-Management IC For Low-Cost PDAs
Rev 1; 10/03
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
   Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
logo
MicroPower Direct, LLC
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
   Low Cost, 2W SMT Dual Output DC/DC Converters
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MYMGC0R88RFLF2RV MURATA1-MYMGC0R88RFLF2RV Datasheet
1Mb / 17P
   MonoBlock type POL, Low output 8A DC-DC converter series for core
2018
logo
List of Unclassifed Man...
RT9237 ETC-RT9237 Datasheet
323Kb / 15P
   MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com