Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5852ETL Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5852ETL
Description  Dual, 8-Bit, 165Msps, Current-Output DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5852ETL Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5852ETL Datasheet HTML 4Page - Maxim Integrated Products MAX5852ETL Datasheet HTML 5Page - Maxim Integrated Products MAX5852ETL Datasheet HTML 6Page - Maxim Integrated Products MAX5852ETL Datasheet HTML 7Page - Maxim Integrated Products MAX5852ETL Datasheet HTML 8Page - Maxim Integrated Products MAX5852ETL Datasheet HTML 9Page - Maxim Integrated Products MAX5852ETL Datasheet HTML 10Page - Maxim Integrated Products MAX5852ETL Datasheet HTML 11Page - Maxim Integrated Products MAX5852ETL Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Dual, 8-Bit, 165Msps, Current-Output DAC
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD = DVDD = CVDD = 3V, AGND = DGND = CGND = 0, external reference, differential clock, IFS = 20mA, differential output, TA =
+25°C, unless otherwise noted.)
SINGLE-TONE SFDR
(fCLK = 100MHz, 4MHz WINDOW)
fOUT (MHz)
6.3
5.8
4.8
3.8
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
2.8
6.8
fOUT = 4.8667MHz
AOUT = -1dBFS
5.3
4.3
3.3
SINGLE-TONE SFDR
(fCLK = 165MHz, 10MHz WINDOW)
fOUT (MHz)
13
12
10 11
6789
5
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
414
fOUT = 9.1667MHz
AOUT = -1dBFS
SINGLE-TONE SFDR
(fCLK = 25MHz, 2MHz WINDOW)
fOUT (MHz)
1.7
1.3
0.9
0.5
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0.1
2.1
fOUT = 0.9667MHz
AOUT = -1dBFS
SINGLE-TONE SFDR
(fCLK = 165MHz, NYQUIST WINDOW)
fOUT (MHz)
8.25MHz/div
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
0.5
82.5
fOUT = 9.9159MHz
AOUT = -1dBFS
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
224
192
32
64
96
128 160
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-0.20
0
256
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
224
192
32
64
96
128 160
-0.08
-0.05
-0.03
0
0.03
0.05
0.08
0.10
-0.10
0
256
EIGHT-TONE SFDR PLOT
(fCLK = 165MHz, 50MHz WINDOW)
fOUT (MHz)
51.7
41.7
31.7
21.7
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
11.7
61.7
fT4
fT3
fT2
fT1
fT5
fT6
fT7
fT8
fT1 = 28.3667MHz
fT2 = 30.3667MHz
fT3 = 32.7001MHz
fT4 = 34.5333MHz
fT5 = 38.7002MHz
fT6 = 41.0333MHz
fT7 = 43.2000MHz
fT8 = 45.3667MHz


Similar Part No. - MAX5852ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5852 MAXIM-MAX5852 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
More results

Similar Description - MAX5852ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5854 MAXIM-MAX5854 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
   Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
MAX5547 MAXIM-MAX5547 Datasheet
799Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
MAX5550 MAXIM-MAX5550 Datasheet
397Kb / 15P
   Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Texas Instruments
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
logo
Maxim Integrated Produc...
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com