Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5852 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5852
Description  Dual, 8-Bit, 165Msps, Current-Output DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5852 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5852 Datasheet HTML 1Page - Maxim Integrated Products MAX5852 Datasheet HTML 2Page - Maxim Integrated Products MAX5852 Datasheet HTML 3Page - Maxim Integrated Products MAX5852 Datasheet HTML 4Page - Maxim Integrated Products MAX5852 Datasheet HTML 5Page - Maxim Integrated Products MAX5852 Datasheet HTML 6Page - Maxim Integrated Products MAX5852 Datasheet HTML 7Page - Maxim Integrated Products MAX5852 Datasheet HTML 8Page - Maxim Integrated Products MAX5852 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5852 dual, 8-bit, 165Msps digital-to-analog
converter (DAC) provides superior dynamic performance
in wideband communication systems. The device inte-
grates two 8-bit DAC cores, and a 1.24V reference. The
MAX5852 supports single-ended and differential modes
of operation. The dynamic performance is maintained
over the entire 2.7V to 3.6V power-supply operating
range. The analog outputs support a -1.0V to +1.25V
compliance voltage.
The MAX5852 can operate in interleaved data mode to
reduce the I/O pin count. This allows the converter to
be updated on a single, 8-bit bus.
The MAX5852 features digital control of channel gain
matching to within ±0.4dB in sixteen 0.05dB steps.
Channel matching improves sideband suppression in
analog quadrature modulation applications. The on-
chip 1.24V bandgap reference includes a control
amplifier that allows external full-scale adjustments of
both channels through a single resistor. The internal ref-
erence can be disabled and an external reference may
be applied for high-accuracy applications.
The MAX5852 features full-scale current outputs of 2mA
to 20mA and operates from a 2.7V to 3.6V single sup-
ply. The DAC supports three modes of power-control
operation: normal, low-power standby, and complete
power-down. In power-down mode, the operating
current is reduced to 1µA.
The MAX5852 is packaged in a 40-pin thin QFN with
exposed paddle (EP) and is specified for the extended
(-40°C to +85°C) temperature range.
Pin-compatible, lower speed, and higher resolution ver-
sions are also available. Refer to the MAX5853 (10 bit,
80Msps), the MAX5851 (8 bit, 80Msps), and the
MAX5854 (10 bit, 165Msps) data sheets for more infor-
mation. See Table 4.
Applications
Communications
VSAT, LMDS, MMDS, WLAN,
Point-to-Point Microwave Links
Wireless Base Stations
Quadrature Modulation
Direct Digital Synthesis (DDS)
Instrumentation/ATE
Features
♦ 8-Bit, 165Msps Dual DAC
♦ Low Power
190mW with IFS = 20mA at fCLK = 165MHz
♦ 2.7V to 3.6V Single Supply
♦ Full Output Swing and Dynamic Performance at
2.7V Supply
♦ Superior Dynamic Performance
67dBc SFDR at fOUT = 40MHz
♦ Programmable Channel Gain Matching
♦ Integrated 1.24V Low-Noise Bandgap Reference
♦ Single-Resistor Gain Control
♦ Interleaved Data Mode
♦ Single-Ended and Differential Clock Input Modes
♦ Miniature 40-Pin Thin QFN Package, 6mm x 6mm
♦ EV Kit Available—MAX5852 EV Kit
Dual, 8-Bit, 165Msps, Current-Output DAC
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3232; Rev 0; 4/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX5852ETL
-40°C to +85°C
40 Thin QFN-EP*
40
36
37
38
39
EP
18
21
23
22
24
25
19
20
16 17
6
5
4
3
2
1
7
8
9
10
11 12 13 14 15
26
27
28
29
30
31
32
33
34
35
N.C.
MAX5852
THIN QFN
TOP VIEW
CVDD
CGND
CLK
CVDD
CLKXN
CLKXP
DCE
CW
N.C.
N.C.
N.C.
DA0/G0
DA1/G1
DA2/G2
DA3/G3
DA4/REN
DA5/IDE
DA6/DACEN
DA7/PD
Pin Configuration
*EP = Exposed paddle.


Similar Part No. - MAX5852

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5852 MAXIM-MAX5852 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
More results

Similar Description - MAX5852

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5854 MAXIM-MAX5854 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
   Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
MAX5547 MAXIM-MAX5547 Datasheet
799Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
MAX5550 MAXIM-MAX5550 Datasheet
397Kb / 15P
   Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Texas Instruments
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
logo
Maxim Integrated Produc...
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com