Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4699 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4699
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4699 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4699 Datasheet HTML 1Page - Maxim Integrated Products MAX4699 Datasheet HTML 2Page - Maxim Integrated Products MAX4699 Datasheet HTML 3Page - Maxim Integrated Products MAX4699 Datasheet HTML 4Page - Maxim Integrated Products MAX4699 Datasheet HTML 5Page - Maxim Integrated Products MAX4699 Datasheet HTML 6Page - Maxim Integrated Products MAX4699 Datasheet HTML 7Page - Maxim Integrated Products MAX4699 Datasheet HTML 8Page - Maxim Integrated Products MAX4699 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.3V, GND = 0, VIH = +1.4V, VIL = +0.5V, (VL = +1.5V, VIH = +1.0V, VIL = +0.4V for MAX4702 only), TA = -40°C to
+85°C. Typical values are at V+ = +3V and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ............................................................................-0.3V to +6V
VL, IN_, COM_, NO_, NC_ (Note1) .............. -0.3V to (V+ + 0.3V)
Continuous Current COM_, NO_, NC_ ............................ ±20mA
Peak Current COM_, NO_, NC_ (pulsed at 1ms, 10%
duty cycle)....................................................................±40mA
ESD per Method 3015.7....................................................>2.5kV
Continuous Power Dissipation (TA = +70°C)
TSSOP (derate 5.6mW/°C above +70°C) ................. 444mW
QFN (3 x 3) (derate 16.9mW/°C above +70°C) ...... 1349mW
QFN (4 x 4) (derate 18.5mW/°C above +70°C) ...... 1481mW
Operating Temperature Range .......................... -40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300°C
Note 1: Signals on IN_, COM_, NO_, and NC_ exceeding 0 or V+ are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_, VNC_
0V+
V
+25°C60
75
On-Resistance
RON
V+ = +2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = +1.5V
TMIN to TMAX
85
+25°C2
4
On-Resistance Match Between
Channels (Note 4)
∆RON
V+ = +2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = +1.5V
TMIN to TMAX
5
+25°C8
12
On-Resistance Flatness (Note 5)
RFLAT (ON)
V+ = +2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = +1V,
+1.5V, +2V
TMIN to TMAX
14
+25°C
-0.5
+0.5
NO_, NC_ Off-Leakage Current
(Note 6)
INO_(OFF),
INC_(OFF)
V+ = +3.3V, VCOM_ = +1V,
+3V; VNO_ or VNC_ = +3V, +1V
TMIN to TMAX
-1
1
nA
+25°C
-0.5
+0.5
COM_ On-Leakage Current
(Note 6)
ICOM_ (ON)
V+ = +3.3V, VCOM_ = +1V,
+3V; VNO_ or VNC_ = +1V,
+3V, or floating
TMIN to TMAX
-1
1
nA
DYNAMIC
+25°C27
35
Turn-On Time
tON
VNO_ or VNC_ = +2V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
45
ns
+25°C15
20
Turn-Off Time
tOFF
VNO_ or VNC_ = +2V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
25
ns
+25°C15
Break-Before-Make (Note 6)
tBBM
VNO_ or VNC_ = +2V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
1
ns
On-Channel -3dB Bandwidth
BW
Signal = 0, 50
in and out, Figure 5
250
MHz
Off-Isolation (Note 7)
VISO
f = 1MHz, RL = 50
Ω,
CL = 5pF, Figure 5
+25°C
-76
dB


Similar Part No. - MAX4699

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4699ETE MAXIM-MAX4699ETE Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4699ETE++ MAXIM-MAX4699ETE+ Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
More results

Similar Description - MAX4699

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Jan-2022
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com