Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-121C1Z Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PCA-121C1Z
Description  SIGNAL CONDITIONER & CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCA-121C1Z Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PCA-121C1Z Datasheet HTML 1Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 2Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 3Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 4Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 5Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 6Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 7Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 8Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PA1001A – 7/02
Page 4 of 11
ENVIRONMENTAL:
OPERATING: -40°C TO 85°C
STORAGE:
-40°C TO 150°C
ENCLOSURES:
Unit is intended for mounting in a conduit box and comes with 2 ½” on center mounting holes. An
optional explosion proof or NEMA-4x enclosure is available upon request.
APPROVALS:
EN50081-1:1992 Generic Emission Standard
EN50082-2:1995 Generic Immunity Requirements
CE compliant to EMC Directive 89/336/EECfor uses in residential, commercial, light or heavy
industrial environments.
INSTALLATION AND WIRING DETAILS:
In considering the interconnections between the PA1001A and the measurement system some
attention must be given to anticipated noise sources and to the coupling of these noise sources to the
interconnecting wiring.
Noise signals may be coupled into the wiring between the pickup coil, the PA1001A, and the
electronic measuring systems. In general, utilizing a shielded, twisted pair for the interconnection
greatly reduces this coupling. The shield should be grounded on both ends of the cable.
However, even with proper interconnecting cabling, cross talk with other signal lines or power lines
may still occur and should be avoided. Physical isolation of the wiring reduces the chance of
potential problems.
The pickup coil should not be located more than 100 feet from the PA1001A preamplifier. It is
recommended that the PA1001A be installed on or near the pickup coil to assure optimum
performance.
INSTALLATION:
The Model PA1001A should be placed in a convenient location that maintains access to the unit
should repairs or readjustment is required.
Connections to the terminal block should be carefully dressed to avoid having bare wires extend pass
the screw clamp on the terminal block. This is particularly important when the PC card is mounted
within an explosion proof enclosure. Wires should be neatly dressed near bottom of enclosure to
prevent problems when cover is installed.
For compliance with EMI/RFI requirements the pre-amplifier must be installed in a metal enclosure
such as a suitable NEMA 4 (e.g. GUAC) junction box. The enclosure must be properly grounded.
Also a grounding strap is required from the enclosure to the power supply common (pin 7).
The cable entry requires 360
° grounding coverage to the enclosure case. This is obtained by using
twisted pair with full braid cable and a cable fitting that provides a metal to metal cable clamping
connection. The insulation of the cables should be stripped back to allow for connection to the
terminal block and allow for the cable fitting to clamp onto the braided shield. Any open areas should
then be covered using foil tape.
In hazardous locations where metal conduit is used, 360
° grounding are achieved. All cable shields
should be terminated to the enclosure-grounding stud.


Similar Part No. - PCA-121C1Z

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA-1-08-V-3-20 ADAM-TECH-PCA-1-08-V-3-20 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-10-HU-3-50 ADAM-TECH-PCA-1-10-HU-3-50 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-XX-V-3-20 ADAM-TECH-PCA-1-XX-V-3-20 Datasheet
88Kb / 1P
   909 Rahway Avenue
More results

Similar Description - PCA-121C1Z

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
8035555 FESTO-8035555 Datasheet
109Kb / 2P
   Signal conditioner
logo
PHOENIX CONTACT
2810887 PHOENIX-2810887 Datasheet
309Kb / 11P
   Signal conditioner
logo
Festo Corporation.
544217 FESTO-544217 Datasheet
88Kb / 1P
   Signal conditioner
544220 FESTO-544220 Datasheet
88Kb / 1P
   Signal conditioner
8035556 FESTO-8035556 Datasheet
110Kb / 2P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com