Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-121B3Y Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PCA-121B3Y
Description  SIGNAL CONDITIONER & CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCA-121B3Y Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PCA-121B3Y Datasheet HTML 3Page - List of Unclassifed Manufacturers PCA-121B3Y Datasheet HTML 4Page - List of Unclassifed Manufacturers PCA-121B3Y Datasheet HTML 5Page - List of Unclassifed Manufacturers PCA-121B3Y Datasheet HTML 6Page - List of Unclassifed Manufacturers PCA-121B3Y Datasheet HTML 7Page - List of Unclassifed Manufacturers PCA-121B3Y Datasheet HTML 8Page - List of Unclassifed Manufacturers PCA-121B3Y Datasheet HTML 9Page - List of Unclassifed Manufacturers PCA-121B3Y Datasheet HTML 10Page - List of Unclassifed Manufacturers PCA-121B3Y Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PA1001A – 7/02
Page 11 of 11
Ordering Information
PA-1001A
IA
B
1
w
Series:
Options:
1 = Pulse Output
1A = Pulse and Analog output
1PS = With pulse scaling
Mounting:
C = Explosion Proof Enclosure
B = Nema-4X Enclosure
P = Panel Mount
Operating Voltage:
1 = 24 VDC (8 to 30 VDC)
2 = 110 VAC 50/60 Hz
3 = 220 VAC 50/60 Hz
Ordering Information For
PCA-121 For Digi-Pulse Pickup
PCA-121
B
1
w
Series:
Mounting:
C = Explosion Proof Enclosure
B = Nema-4X Enclosure
P = Panel Mount
Operating Voltage:
1 = 24 VDC (8 to 30 VDC)
2 = 110 VAC 50/60 Hz
3 = 220 VAC 50/60 Hz
Electrical Interface
W = Mounted Integral to Flowmeter
X = 10 feet cable attached to mating connector
Y = 25 feet cable attached to mating connector
Z = Customer Specific Length (250 feet max.)


Similar Part No. - PCA-121B3Y

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA-1-08-V-3-20 ADAM-TECH-PCA-1-08-V-3-20 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-10-HU-3-50 ADAM-TECH-PCA-1-10-HU-3-50 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-XX-V-3-20 ADAM-TECH-PCA-1-XX-V-3-20 Datasheet
88Kb / 1P
   909 Rahway Avenue
More results

Similar Description - PCA-121B3Y

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
8035555 FESTO-8035555 Datasheet
109Kb / 2P
   Signal conditioner
logo
PHOENIX CONTACT
2810887 PHOENIX-2810887 Datasheet
309Kb / 11P
   Signal conditioner
logo
Festo Corporation.
544217 FESTO-544217 Datasheet
88Kb / 1P
   Signal conditioner
544220 FESTO-544220 Datasheet
88Kb / 1P
   Signal conditioner
8035556 FESTO-8035556 Datasheet
110Kb / 2P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com