Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-121P2W Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PCA-121P2W
Description  SIGNAL CONDITIONER & CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCA-121P2W Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PCA-121P2W Datasheet HTML 1Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 2Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 3Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 4Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 5Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 6Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 7Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 8Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PA1001A – 7/02
Page 3 of 11
CHARACTERISTICS AND SPECIFICATIONS:
POWER INPUT:
Voltage: 8-30 VDC
Current Draw: 125mA @ 24VDC, with all options equipped.
Reverse polarity protected
PICKUP INPUT:
RF Pickup:
Modulation Carrier Frequency: 20KHz
Input Frequency: 2 Hz to 5KHz, adjustable trigger level
Trigger Sensitivity: 20 millivolt peak to peak (minimum)
Carrier Adjustment: to allow precise tuning of carrier signal to physical environment (e.g. air gap,
wall thickness)
Maximum Air Gap: 0.160”
Preferred Coil Inductance: 1.0 milliHenry +/- 10%
Maximum Distance From Pickup To Preamplifier 100 feet
Magnetic Pickup:
Input protected, RF and band pass filtered
Input Frequency: 0 to 10KHz, adjustable trigger level
Trigger Sensitivity: 4 millivolt RMS (minimum)
NOTE: At 4mV frequency range 10 Hz to 3KHz
Input Impedance: 40K Ohms (nominal)
Maximum Input Signal: 600 Volts RMS
Maximum Distance From Pickup To Preamp: 100 feet
PULSE OUTPUTS:
TTL/CMOS (Standard); Fan-out of 5 TTL/CMOS loads
Open Collector: Maximum OFF state voltage 30 VDC
Maximum ON current 0.40 amps
0 to 10 VDC square wave
Square wave tied to input voltage
Pulse scaling (option):
÷2, ÷4, ÷8, ÷16, ÷32, ÷64, or ÷128 user selectable.
CURRENT OUTPUT OPTION:
Accuracy +/- 0.05% of full-scale +/-200 PPM/
°C.
Available range 4 to 20mA.
Output suitable for driving floating or grounded loads.
Maximum loop impedance 500 ohms.
Response time 0.3 seconds for 10 to 90 %.
VOLTAGE OUTPUT OPTION:
Accuracy +/- 0.05% of full-scale +/-200 PPM/
°C.
Available range 0 to 5VDC or 0 to 10VDC, user selectable.
Impedance less than 10 ohms.
Response time 0.3 seconds for 10 to 90 %.


Similar Part No. - PCA-121P2W

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA-1-08-V-3-20 ADAM-TECH-PCA-1-08-V-3-20 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-10-HU-3-50 ADAM-TECH-PCA-1-10-HU-3-50 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-XX-V-3-20 ADAM-TECH-PCA-1-XX-V-3-20 Datasheet
88Kb / 1P
   909 Rahway Avenue
More results

Similar Description - PCA-121P2W

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
8035555 FESTO-8035555 Datasheet
109Kb / 2P
   Signal conditioner
logo
PHOENIX CONTACT
2810887 PHOENIX-2810887 Datasheet
309Kb / 11P
   Signal conditioner
logo
Festo Corporation.
544217 FESTO-544217 Datasheet
88Kb / 1P
   Signal conditioner
544220 FESTO-544220 Datasheet
88Kb / 1P
   Signal conditioner
8035556 FESTO-8035556 Datasheet
110Kb / 2P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com