Electronic Components Datasheet Search |
|
PA-1001A1B2Z Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
PA-1001A1B2Z Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 11 page PA1001A – 7/02 Page 3 of 11 CHARACTERISTICS AND SPECIFICATIONS: POWER INPUT: • Voltage: 8-30 VDC • Current Draw: 125mA @ 24VDC, with all options equipped. • Reverse polarity protected PICKUP INPUT: RF Pickup: • Modulation Carrier Frequency: 20KHz • Input Frequency: 2 Hz to 5KHz, adjustable trigger level • Trigger Sensitivity: 20 millivolt peak to peak (minimum) • Carrier Adjustment: to allow precise tuning of carrier signal to physical environment (e.g. air gap, wall thickness) • Maximum Air Gap: 0.160” • Preferred Coil Inductance: 1.0 milliHenry +/- 10% • Maximum Distance From Pickup To Preamplifier 100 feet Magnetic Pickup: • Input protected, RF and band pass filtered • Input Frequency: 0 to 10KHz, adjustable trigger level • Trigger Sensitivity: 4 millivolt RMS (minimum) NOTE: At 4mV frequency range 10 Hz to 3KHz • Input Impedance: 40K Ohms (nominal) • Maximum Input Signal: 600 Volts RMS • Maximum Distance From Pickup To Preamp: 100 feet PULSE OUTPUTS: • TTL/CMOS (Standard); Fan-out of 5 TTL/CMOS loads • Open Collector: Maximum OFF state voltage 30 VDC Maximum ON current 0.40 amps • 0 to 10 VDC square wave • Square wave tied to input voltage • Pulse scaling (option): ÷2, ÷4, ÷8, ÷16, ÷32, ÷64, or ÷128 user selectable. CURRENT OUTPUT OPTION: • Accuracy +/- 0.05% of full-scale +/-200 PPM/ °C. • Available range 4 to 20mA. • Output suitable for driving floating or grounded loads. • Maximum loop impedance 500 ohms. • Response time 0.3 seconds for 10 to 90 %. VOLTAGE OUTPUT OPTION: • Accuracy +/- 0.05% of full-scale +/-200 PPM/ °C. • Available range 0 to 5VDC or 0 to 10VDC, user selectable. • Impedance less than 10 ohms. • Response time 0.3 seconds for 10 to 90 %. |
Similar Part No. - PA-1001A1B2Z |
|
Similar Description - PA-1001A1B2Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |