Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14C202 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C202
Description  Low Power 5V Powered EIA/TIA-232 Dual Driver/Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C202 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS14C202 Datasheet HTML 1Page - National Semiconductor (TI) DS14C202 Datasheet HTML 2Page - National Semiconductor (TI) DS14C202 Datasheet HTML 3Page - National Semiconductor (TI) DS14C202 Datasheet HTML 4Page - National Semiconductor (TI) DS14C202 Datasheet HTML 5Page - National Semiconductor (TI) DS14C202 Datasheet HTML 6Page - National Semiconductor (TI) DS14C202 Datasheet HTML 7Page - National Semiconductor (TI) DS14C202 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to 6V
Supply Voltage (V
+)(V
CC − 0.3V) to +14V
Supply Voltage (V
)
+0.3V to −14V
Short Circuit Duration, D
OUT
Continuous
Driver Input Voltage
−0.3V to (V
CC + 0.3V)
Driver Output Voltage
(V
+ + 0.3V) to (V− 0.3V)
Receiver Input Voltage
±25V
Receiver Output Voltage
−0.3V to (V
CC + 0.3V)
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
≥ 6.0 kV
Junction Temperature
+150˚C
Maximum Package Power Dissipation @ 25˚C (Note 6)
N Package
TBD
M Package
TBD
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
+260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage, (V
CC)
4.5
5.5
V
Operating Free Air Temp. (T
A)
DS14C202T
−40
+85
˚C
Electrical Characteristics (Notes 2, 5)
Over recommended operating conditions, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DEVICE CHARACTERISTICS
V
+
Positive Power Supply
R
L = 3kΩ,C1– C4 = 0.1 µF, DIN = 0.8V
9.0
V
V
Negative Power Supply
R
L = 3kΩ,C1– C4 = 0.1 µF, DIN = 2.0V
−8.5
V
I
CC
V
CC Supply Current
No Load
15
mA
DRIVER CHARACTERISTICS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
I
IH
High Level Input Current
V
IN ≥ 2.0V
−30
+30
µA
I
IL
Low Level Input Current
V
IN ≤ 0.8V
−30
+30
µA
V
OH
High Level Output Voltage
R
L = 3kΩ
5.0
8.0
V
V
OL
Low Level Output Voltage
R
L = 3kΩ
−7.0
−5.0
V
I
OS
+
Output High Short Circuit Current
V
OUT = 0V, VIN = 0.8V
(Note 3)
−5.0
−15
−30
mA
I
OS
Output Low Short Circuit Current
V
OUT = 0V, VIN = 2.0V
5.0
11
30
mA
R
O
Output Resistance
−2V
≤ V
OUT ≤ +2V, VCC = 0V = GND or Open
300
RECEIVER CHARACTERISTICS
V
TH
Input High Threshold Voltage
1.7
2.4
V
V
TL
Input Low Threshold Voltage
0.8
1.5
V
V
HY
Hysteresis
0.2
0.4
1.0
V
R
IN
Input Resistance
−15V
≤ V
IN ≤ +15V
3.0
4.7
7.0
k
I
IN
Input Current
V
IN = +15V
+2.14
+3.5
+5.0
mA
V
IN = +3V
+0.43
+0.6
+1.0
mA
V
IN = −3V
−0.43
−0.6
−1.0
mA
V
IN = −15V
−2.14
−3.5
−5.0
mA
V
OH
High Level Output Voltage
V
IN = −3V, IOH = −3.2 mA
3.5
4.5
V
V
IN = −3V, IOH = −20 µA
4.0
4.9
V
V
OL
Low Level Output Voltage
V
IN = +3V, IOL = +3.2 mA
0.15
0.4
V
PrintDate=1998/06/22 PrintTime=10:23:03 42589 ds012622 Rev. No. 0
cmserv
Proof
2
www.national.com
2


Similar Part No. - DS14C202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
logo
Texas Instruments
DS14C232 TI1-DS14C232 Datasheet
917Kb / 18P
[Old version datasheet]   DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
DS14C232 TI1-DS14C232 Datasheet
938Kb / 18P
[Old version datasheet]   Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
Rochester Electronics
DS14C232B ROCHESTER-DS14C232B Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
National Semiconductor ...
DS14C232CM NSC-DS14C232CM Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
More results

Similar Description - DS14C202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C232 TI1-DS14C232_15 Datasheet
938Kb / 18P
[Old version datasheet]   Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
DS14C232CN TI1-DS14C232CN Datasheet
917Kb / 18P
[Old version datasheet]   DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
   5V Single Supply TIA/EIA-232 Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com