Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV002A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV002A
Description  2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV002A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV002A Datasheet HTML 1Page - ATMEL Corporation AT49BV002A Datasheet HTML 2Page - ATMEL Corporation AT49BV002A Datasheet HTML 3Page - ATMEL Corporation AT49BV002A Datasheet HTML 4Page - ATMEL Corporation AT49BV002A Datasheet HTML 5Page - ATMEL Corporation AT49BV002A Datasheet HTML 6Page - ATMEL Corporation AT49BV002A Datasheet HTML 7Page - ATMEL Corporation AT49BV002A Datasheet HTML 8Page - ATMEL Corporation AT49BV002A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
Single Supply for Read and Write: 2.7 to 3.6V
Fast Read Access Time – 70 ns
Internal Program Control and Timer
Sector Architecture
– One 16K Bytes Boot Block with Programming Lockout
– Two 8K Bytes Parameter Blocks
– Four Main Memory Blocks (One 32K Bytes, Three 64K Bytes)
Fast Erase Cycle Time – 4 Seconds
Byte-by-Byte Programming – 30 µs/Byte Typical
Hardware Data Protection
DATA Polling for End of Program Detection
Low Power Dissipation
– 15 mA Active Current
– 50 µA CMOS Standby Current
Typical 10,000 Write Cycles
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT49BV002A(N)(T) is a 2.7-volt-only in-system reprogrammable Flash Memory.
Its 2 megabits of memory is organized as 262,144 words by 8 bits. Manufactured with
Atmel’s advanced nonvolatile CMOS technology, the device offers access times to
70 ns with power dissipation of just 54 mW over the industrial temperature range.
When the device is deselected, the CMOS standby current is less than 50 µA. For the
AT49BV002AN(T) pin 1 for PLCC package and pin 9 for the TSOP package are no
con nect pins. T o a llow for sim p le i n - sys t e m r e pr ogr am mabi lity, the
AT49BV002A(N)(T) does not require high input voltages for programming. Five-volt-
only commands determine the read and programming operation of the device. Read-
ing data out of the device is similar to reading from an EPROM; it has standard CE,
OE, and WE inputs to avoid bus contention. Reprogramming the AT49BV002A(N)(T)
is performed by erasing a block of data and then programming on a byte by byte
basis. The byte programming time is a fast 30
µs. The end of a program cycle can be
optionally detected by the DATA polling feature. Once the end of a byte program cycle
has been detected, a new access for a read or program can begin. The typical num-
ber of program and erase cycles is in excess of 10,000 cycles.
The device is erased by executing the erase command sequence; the device inter-
nally controls the erase operations. There are two 8K byte parameter block sections,
four main memory blocks, and one boot block.
The device has the capability to protect the data in the boot block; this feature is
enabled by a command sequence. The 16K-byte boot block section includes a repro-
gramming lock out feature to provide data integrity. The boot sector is designed to
contain user secure code, and when the feature is enabled, the boot sector is pro-
tected from being reprogrammed.
In the AT49BV002AN(T), once the boot block programming lockout feature is
enabled, the contents of the boot block are permanent and cannot be changed. In the
AT49BV002A(T), once the boot block programming lockout feature is enabled, the
contents of the boot block cannot be changed with input voltage levels of 5.5 volts or
less.
2-megabit
(256K x 8)
Single 2.7-volt
Battery-Voltage
Flash Memory
AT49BV002A
AT49BV002AN
AT49BV002AT
AT49BV002ANT
3353F–FLASH–3/05


Similar Part No. - AT49BV002A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002-12JC ATMEL-AT49BV002-12JC Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV002-12JI ATMEL-AT49BV002-12JI Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV002-12PC ATMEL-AT49BV002-12PC Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV002A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com